Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0161 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0161
Description  High Power GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0161 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0161 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High Power GaAs SPDT Switch
DC - 2.0 GHz
Rev. V4
MASWSS0161
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Positive Supply and Control Voltages
 1 dB Compression Point: 36 dBm @ 8 V
 3rd Order Intercept Point: 65 dBm @ 8 V
 Low Insertion Loss: 0.4 dB
 Low Power Consumption: 100 µW
 Fast Switching Speed
 Lead-Free SOIC-8 Plastic Package
 Halogen-Free “Green” Mold Compound
 260°C Re-flow Compatible
 RoHS* Compliant Version of SW-277
Description
The MASWSS0161 is a GaAs MMIC SPDT switch in
a lead free SOIC-8 lead surface mount plastic
package. This device is ideally suited for use where
low
power
consumption
is
required.
Typical
applications
include
transmit/receive
switching,
switch matrices and switched filter banks in systems
such as radio and cellular equipment, PCM, GPS,
fiber optic modules, and other battery powered radio
equipment.
The MASWSS0161 is fabricated using a monolithic
GaAs MMIC using a mature 1 micron process. The
process features full chip passivation for increased
performance and reliability.
Ordering Information1,2
Part Number
Package
MASWSS0161
Bulk Packaging
MASWSS0161TR
1000 piece reel
MASWSS0161SMB
Sample Test Board
Functional Schematic
8
7
6
5
1
2
3
4
Pin No.
Pin Name
Description
1
GND
Ground, Thermal Contact
2
VDD
Drain Voltage
3
RFC
RF Common Port
4
GND
Ground, Thermal Contact
5
RF1
RF Port 1
6
VC1
Control 1
7
VC2
Control 2
8
RF2
RF Port 2
Pin Configuration3
3. External DC blocking capacitors required on all RF ports.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.


Similar Part No. - MASWSS0161

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0161 MACOM-MASWSS0161 Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
MASWSS0161 MA-COM-MASWSS0161 Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
Tyco Electronics
MASWSS0161TR MACOM-MASWSS0161TR Datasheet
167Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0161TR MA-COM-MASWSS0161TR Datasheet
134Kb / 3P
High Power GaAs SPDT Switch DC - 2.0 GHz
More results

Similar Description - MASWSS0161

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2014QFN FILTRONIC-FMS2014QFN Datasheet
187Kb / 6P
High Power GaAs SPDT Switch
FMS2014-001 FILTRONIC-FMS2014-001 Datasheet
184Kb / 7P
High Power GaAs SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0117_V3 MA-COM-MASWSS0117_V3 Datasheet
143Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASWSS0204_V3 MA-COM-MASWSS0204_V3 Datasheet
142Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASW4030G MA-COM-MASW4030G Datasheet
75Kb / 4P
GaAs SPDT Switch
MASW-007921 MA-COM-MASW-007921 Datasheet
165Kb / 6P
High Power GaAs SPDT Switch
MASW-008853 MA-COM-MASW-008853 Datasheet
115Kb / 3P
GaAs SPDT 2.7 V High Power Switch
MASW-007921 MA-COM-MASW-007921_15 Datasheet
721Kb / 7P
High Power GaAs SPDT Switch
MASW-008853 MA-COM-MASW-008853_15 Datasheet
598Kb / 4P
GaAs SPDT 2.7 V High Power Switch
MASWSS0181 MA-COM-MASWSS0181_15 Datasheet
661Kb / 4P
GaAs SPDT 2.5 V High Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com