Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0199SMB Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0199SMB
Description  GaAs SP3T 2.6 V CDMA-GPS Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0199SMB Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0199SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0199SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0199SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0199SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0199SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaAs SP3T 2.6 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0199
1
11
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Features
Unbalanced (asymmetric) RF Paths
Low Cross Modulation
Low Insertion Loss: 0.5 dB at 1.0 GHz
High Isolation: 20 dB at 2.0 GHz
0.5 micron GaAs PHEMT Process
Lead-Free 3 mm 12-lead PQFN Package
Halogen-Free ―Green‖ Mold Compound
260°C Reflow Compatible
RoHS* Compliant Version of MASWSS0065
Description
The MASWSS0199 is an industry leading GaAs
pHEMT MMIC single pole three throw (SP3T)
CDMA-GPS switch in a lead-free 3 mm 12-lead
PQFN package.
The MASWSS0199 is uniquely configured to enable
switching from a common antenna port to CDMA
cellular, CDMA PCS, or GPS ports. The design is
asymmetric and has been fully optimized for
excellent cross modulation performance in CELL
and PCS paths while still maintaining excellent
insertion loss and isolation.
The MASWSS0199 is fabricated using a 0.5 micron
gate length GaAs pHEMT process. The process
features full passivation for performance and
reliability.
Pin Configuration
Pin No.
Pin Name
Description
1
V1
Control 1
2
GPS
GPS Receive
3
GND
RF Ground
4
GND
RF Ground
5
PCS
PCS Transmit/Receive
6
V2
Control 2
7
GND
RF Ground
8
CELL
Cellular Transmit/Receive
9
V3
Control 3
10
GND
RF Ground
11
ANT
Antenna Port
12
GND
RF Ground
13
GND (paddle)3
RF Ground
3. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Functional Schematic
V3
CELL
39 pF
GND
GND
V1
GPS
39 pF
Pin 1
Pin 12
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information1,2
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.
Part Number
Package
MASWSS0199TR-3000
3000 piece reel
MASWSS0199SMB
sample test board


Similar Part No. - MASWSS0199SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0199SMB MACOM-MASWSS0199SMB Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0199SMB MA-COM-MASWSS0199SMB Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
More results

Similar Description - MASWSS0199SMB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0191 MACOM-MASWSS0191 Datasheet
87Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0065 MACOM-MASWSS0065 Datasheet
194Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0199 MACOM-MASWSS0199 Datasheet
198Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
logo
M/A-COM Technology Solu...
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0065 MA-COM-MASWSS0065 Datasheet
81Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch 0.5 - 3.0 GHz
MASWSS0199 MA-COM-MASWSS0199 Datasheet
83Kb / 4P
GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
MASWSS0191 MA-COM-MASWSS0191_09 Datasheet
76Kb / 3P
GaAs SP3T 2.6 V CDMA-GPS Switch
MASWSS0200 MA-COM-MASWSS0200_15 Datasheet
619Kb / 4P
GaAs SP3T 2.7 V CDMA-GPS Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com