Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications: TA = 25°C, Z0 = 75 , VC = 0 V/3 V, PIN = 0 dBm
5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss RFC to RF1
(VC = 0V)
100 MHz
1.0 GHz
2.0 GHz
dB
dB
dB
—
—
—
0.9
1.0
1.3
1.75
1.85
—
Insertion Loss RFC to RF2
(VC = 3V)
100 MHz
1.0 GHz
2.0 GHz
dB
dB
dB
—
—
—
1.0
1.2
1.5
1.65
1.85
—
Isolation
100 MHz
1.0 GHz
2.0 GHz (RFC - RF1)
2.0 GHz (RFC - RF2)
dB
dB
dB
dB
60
40
—
—
65
45
38
43
—
—
—
—
Return Loss
DC - 2.0 GHz
dB
—
25
—
IIP2
(VC = 0V / 3V / 5V)
Two Tone, +5 dBm/Tone, 10 MHz Spacing
100 MHz
1.0 GHz
dBm
dBm
—
—
54 / 51 / 53
72 / 70 / 70
—
—
IIP3
(VC = 0V / 3V / 5V)
Two Tone, +5 dBm/Tone, 10 MHz Spacing
100 MHz
1.0 GHz
dBm
dBm
—
—
38 / 38 / 39
41 / 44 / 44
—
—
Input P1dB
(VC = 0V / 3V / 5V)
100 MHz
1.0 GHz
dBm
dBm
—
—
21 / 21 / 22
29 / 28 / 29
—
—
T-rise
T-fall
10% to 90% RF
90% to 10% RF
µS
nS
—
—
1.4
12
—
—
Ton
Toff
50% control to 90% RF
50% control to 10% RF
µS
nS
—
—
1.6
12
—
—
Transients
—
mV
—
550
—
Control Current
VC = 3V
µA
—
250
500
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power @ 100 MHz
+22 dBm
Input Power @ 1 GHz
+29 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM does not recommend sustained operation near
these survivability limits.
5. Electrical specifications apply to terminated configuration only.
Control VC
RFC-RF1
RFC-RF2
0
On
Off
1
Off
On
Truth Table 8,9,10
8. External DC blocking capacitors are required on all RF ports.
9. 0 = 0 ± 0.1 V, 1 = +2.9 V to +5 V.
10. The unpowered on state is the same as VC=0.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com