Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0201 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0201
Description  GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0201 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0201_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MASWSS0201_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaAs Broadband 75 Ohm Default-On, SPDT Terminated Switch
DC - 2.5 GHz
Rev. V1
MASWSS0201
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Lead-Free 3 mm 12-lead PQFN†
C1-C5=10000 pf
C6=100 pf
Application Schematic 11,12
11. Non-connected pins (P1 and P5) are shown connected to
ground as recommended. All data on this datasheet was
taken with N/C pins connected to ground.
12. Application
schematic
shown
is
for
terminated
configuration. For non-terminated operation Term 1 and
Term 2 ground pins are left open. See application section
for data in unterminated configuration.
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
M/A-COM’s AN3007 Application Note outlines a
method for ESD sensitivity mitigation. It can be
found
at
the
Tech/Apps
section
of
the
MACOM.COM website.
†
Reference Application Note M538 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com