Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  SMPP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
55
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
5
Typical Forward Resistance vs DC Bias Current Curves @ 100 MHz
Resistance vs Forward Current
(MA4P277 / MA4P7437 /MADP-007437 Series)
Resistance vs Forward Current
(MA4P278 / MA4P7438 /MADP-007438 Series)
Resistance vs Forward Current
(MA4P275 / MA4P7436 /MADP-007436 Series)
Resistance vs Forward Current
(MA4P274 / MA4P7455 MADP-007155 Series)
Forward Bias Current
Forward Bias Current
Forward Bias Current
Forward Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com