Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMPP Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SMPP Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. SMPP Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
44
Surface Mount Plastic PIN Diodes
Rev. V22
SMPP Series
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
4
Packaging and Configurations
Series Tee
Series Tee Reverse
SOT-23
SC70 (3L)
SOT-23
SC70 (3L)
Standard
Part Number
RoHS
Compliant
Part Number
Standard
Part Number
RoHS
Compliant
Part Number
Standard
Part Number
RoHS
Compliant
Part Number
Standard
Part Number
RoHS
Compliant
Part Number
MA4P275ST-
287T
MA4P7436ST-
287T
MA4P275ST-
1146T
MA4P7436ST-
1146T
MA4P275STR-
287T
MADP-007436-
0287DT
MA4P275STR-
1146T
MADP-007436-
1146DT
MA4P789ST-
287T
MA4P7433ST-
287T
MA4P789ST-
1146T
MA4P7433ST-
1146T
MA4P789STR-
287T
MADP-007433-
0287DT
MA4P789STR-
1146T
MADP-007433-
1146DT
MA4P282ST-
287T
MA4P7447ST-
287T
MA4P282STR-
287T
MADP-007155-
0287DT
MADP-007448-
0287BT
MADP-007448-
1146BT
MADP-007448-
0287DT
MADP-007448-
1146DT
MA4P274ST-
287T
MA4P7455ST-
287T
MA4P274ST-
1146T
MA4P7455ST-
1146T
MA4P274STR-
287T
MADP-007455-
0287DT
MA4P274STR-
1146T
MADP-007455-
1146DT
MA4P277ST-
287T
MADP-007437-
0287BT
MA4P277STR-
287T
MADP-007437-
0287DT
MA4P278ST-
287T
MADP-007438-
0287BT
MA4P278STR-
287T
MADP-007438-
0287DT
MADP-007167-
0287BT
MA4P290STR-
287T
MADP-007167-
0287DT
LS = 1.4 nH
LS = 1.3 nH
LS = 1.4 nH
LS = 1.3 nH
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF
CP = 0.12 pF
Low Inductance
Unconnected Pair
SOT-23
SOT-143
Standard
Part Number
RoHS Compliant
Part Number
Standard
Part Number
RoHS Compliant
Part Number
MA4P290-LI-287T
MADP-007167-0287HT
MA4P275-1068T
MA4P7436-1068T
MADP-007433-0287HT
MA4P789-1068T
MA4P7433-1068T
MADP-007448-1068ET
MA4P274-1068T
MA4P7455-1068T
LS = 0.4 nH
LS = 1.3 nH
CP = 0.12 pF
CP = 0.12 pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com