Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC6 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # PC6
Description  Single output DC-DC converter 1.5W ~ 6W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PC6 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  PC6 Datasheet HTML 1Page - DENSEI-LAMBDA PC6 Datasheet HTML 2Page - DENSEI-LAMBDA PC6 Datasheet HTML 3Page - DENSEI-LAMBDA PC6 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
116
Type
3.3V type
5V type
12V type
Output voltage
3.67V
6V
15V
PC-SERIES
Terminal connection
Outline drawing
• PC1R5 (1.5W type)
• PC6 (6W type)
• PC3 (3W type)
[PC1R5 (1.5W type) / PC3 (3W type)]
Output voltage can be adjustable by TRM terminal.
Output power must be within the rating, when increasing the output voltage.
*1 TRM terminal: Open
*2 TRM terminal & –Vout terminal: Short
Type
3.3V type
5V type
12V type
Output voltage
3.3V
5V
12V
Type
3.3V type
5V type
12V type
Output voltage
3.67V
6V
15V
CNT terminal
Output
CNT --Vin:Short or 0 ~ 0.4V
ON
CNT --Vin: Open or 2V ~ Vin
OFF
[PC6 (6W type)]
*1 TRM terminal: Open
*2 TRM terminal & –Vout terminal: Short
*3 CNT terminal: Remote ON/OFF control
Type
3.3V type
5V type
12V type
Output voltage
3.3V
5V
12V
* Output voltage: Refer to TRM terminal connection
(Unit: mm)
Dimension tolerance not designated is ±0.3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com