Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC6 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # PC6
Description  Single output DC-DC converter 1.5W ~ 6W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PC6 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PC6 Datasheet HTML 1Page - DENSEI-LAMBDA PC6 Datasheet HTML 2Page - DENSEI-LAMBDA PC6 Datasheet HTML 3Page - DENSEI-LAMBDA PC6 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
115
PC-SERIES
Single output DC-DC converter 1.5W ~ 6W
Model name
P C 6 - 24 - 5
Features
Input/Output isolation
5 dimensions shield metal case
Over current protection
Adjustable output voltage
Remote ON/OFF control (6W type)
Series
name
Output
power
Input
voltage
Output
voltage
Vdc
Vdc
mA
W
%
3.3V±5%
0 ~ 400
1.32
66
5V±5%
0 ~ 300
1.5
69
12V±5%
(15V±5%)
0 ~ 125
(0 ~ 100)
1.5
71 (70)
3.3V±5%
0 ~ 400
1.32
70
5V±5%
0 ~ 300
1.5
73
12V±5%
(15V±5%)
0 ~ 125
(0 ~ 100)
1.5
75 (73)
3.3V±5%
0 ~ 400
1.32
70
5V±5%
0 ~ 300
1.5
75
12V±5%
(15V±5%)
0 ~ 125
(0 ~ 100)
1.5
76 (75)
3.3V±5%
0 ~ 400
1.32
70
5V±5%
0 ~ 300
1.5
73
12V±5%
(15V±5%)
0 ~ 125
(0 ~ 100)
1.5
76 (75)
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Model
PC1R5
–5–3.3
PC1R5
–5–5
PC1R5
–5–12
PC1R5
–12–3.3
PC1R5
–12–5
PC1R5
–12–12
PC1R5
–24–3.3
PC1R5
–24–5
PC1R5
–24–12
PC1R5
–48–3.3
PC1R5
–48–5
PC1R5
–48–12
PC1R5 (1.5W type) Specifications
5VDC (4.5 ~ 9.0V)
12VDC (9 ~ 18V)
24VDC (18 ~ 36V)
48VDC (36 ~ 72V)
Vdc
Vdc
mA
W
%
3.3V±5%
0 ~ 600
1.98
65
5V±5%
0 ~ 600
3.0
70
12V±5%
(15V±5%)
0 ~ 250
(0 ~ 200)
3.0
72 (72)
3.3V±5%
0 ~ 600
1.98
70
5V±5%
0 ~ 600
3.0
75
12V±5%
(15V±5%)
0 ~ 250
(0 ~ 200)
3.0
77 (77)
3.3V±5%
0 ~ 600
1.98
70
5V±5%
0 ~ 600
3.0
75
12V±5%
(15V±5%)
0 ~ 250
(0 ~ 200)
3.0
78 (78)
3.3V±5%
0 ~ 600
1.98
70
5V±5%
0 ~ 600
3.0
75
12V±5%
(15V±5%)
0 ~ 250
(0 ~ 200)
3.0
79 (79)
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Model
PC3
–5–3.3
PC3
–5–5
PC3
–5–12
PC3
–12–3.3
PC3
–12–5
PC3
–12–12
PC3
–24–3.3
PC3
–24–5
PC3
–24–12
PC3
–48–3.3
PC3
–48–5
PC3
–48–12
PC3 (3W type) Specifications
5VDC (4.5 ~ 9.0V)
12VDC (9 ~ 18V)
24VDC (18 ~ 36V)
48VDC (36 ~ 72V)
Vdc
Vdc
mA
W
%
—
3.3V±5%
0 ~ 1200
3.96
70
5V±5%
0 ~ 1000
6.0
74
12V±5%
(15V±5%)
0 ~ 500
(0 ~ 400)
6.0
78 (78)
3.3V±5%
0 ~ 1500
4.95
73
5V±5%
0 ~ 1200
6.0
77
12V±5%
(15V±5%)
0 ~ 500
(0 ~ 400)
6.0
84 (84)
3.3V±5%
0 ~ 1500
4.95
77
5V±5%
0 ~ 1200
6.0
82
12V±5%
(15V±5%)
0 ~ 500
(0 ~ 400)
6.0
84 (84)
3.3V±5%
0 ~ 1500
4.95
77
5V±5%
0 ~ 1200
6.0
82
12V±5%
(15V±5%)
0 ~ 500
(0 ~ 400)
6.0
85 (85)
Input Voltage
Output Voltage (*1)
Output Current
Output Power (max)
Efficiency (typ) (*2)
Remote ON/OFF control
Withstand Voltage
Cooling
Operating Temperature
Over Current Protection
Input Protection
Input to Output: 500VAC for 1 minute
Convection cooling
–20 ~ +70°C (–20 ~ +50°C: 100%, +60°C: 70%, +70°C: 40%)
Output current limiting, automatic recovery. Avoid to operate overload or dead short for more than 30 seconds.
Built in Fuse on input line
Model
PC6
–5–3.3
PC6
–5–5
PC6
–5–12
PC6
–12–3.3
PC6
–12–5
PC6
–12–12
PC6
–24–3.3
PC6
–24–5
PC6
–24–12
PC6
–48–3.3
PC6
–48–5
PC6
–48–12
PC6 (6W type) Specifications
Common specifications
5VDC (4.5 ~ 9.0V)
12VDC (9 ~ 18V)
24VDC (18 ~ 36V)
48VDC (36 ~ 72V)
Possible (CNT terminal)
(*1) Measured at the maximum output power with rated input voltage (5VDC, 12VDC, 24VDC, 48VDC)
(*2) At rated input voltage & maximum output power.


Similar Part No. - PC6

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PC6-160 SUPERWORLD-PC6-160 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC6-1600 SUPERWORLD-PC6-1600 Datasheet
111Kb / 1P
POWER TRANSFORMER
PC6-200 SUPERWORLD-PC6-200 Datasheet
110Kb / 1P
POWER TRANSFORMER
PC6-4000 SUPERWORLD-PC6-4000 Datasheet
111Kb / 1P
POWER TRANSFORMER
PC6-720 SUPERWORLD-PC6-720 Datasheet
111Kb / 1P
POWER TRANSFORMER
More results

Similar Description - PC6

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
Single, Dual output DC-DC converter 1.5W ~ 25W
PCD6 LAMBDA-PCD6 Datasheet
363Kb / 4P
Single output DC-DC converter 1.5W ~ 6W?
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
Single output DC-DC converter 1.5W ~ 25W????
PV3 LAMBDA-PV3 Datasheet
128Kb / 2P
Single in-line DC-DC converter Single output 1.5W/3W
logo
Chinfa Electronics Ind....
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com