Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM4TH Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CSM4TH
Description  Termination Insensitive Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CSM4TH Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CSM4TH_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CSM4TH_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CSM4TH_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. CSM4TH_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Termination Insensitive Mixer
Rev. V3
CSM4TH
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 LO 1 TO 3400 MHz
 RF 1 TO 3400 MHz
 IF 1 TO 2000 MHz
 LO DRIVE +23 dBm (NOMINAL)
 HIGH INTERCEPT +29 dBm (TYP.)
Description
The CSM4TH is a termination insensitive mixer, designed for use
in military, wireless, and test equipment applications. The design
utilizes Schottky bridge quad diodes, broadband ferrite baluns and
internal loads to provide excellent performance without degrada-
tion due to external VSWR mismatches. The use of high tem-
perature solder and welded assembly processes used internally
makes it ideal for use in semi-automated and automated assem-
bly. Environmental screening available to MIL-STD-883, MIL-STD
-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
CSM4TH
Surface Mount
Product Image
Electrical Specifications: Z0 = 50 Lo = +23 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max) &
SSB Noise Figure (max)
fR = 1 to 2400 MHz, fL = 1 to 2400 MHz, fI = 1 to 2000 MHz
fR = 1 to 3400 MHz , fL = 1 to 3400 MHz , fI = 1 to 2000 MHz
dB
dB
8.0
9.0
9.5
10.5
10.0
11.0
L - R Isolation (min)
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
dB
35
25
26
20
24
18
L - I Isolation (min)
fL = 1 to 2400 MHz
fL = 2400 to 3400 MHz
dB
38
25
27
20
25
18
R - I Isolation (min)
fR = 1 to 3400 MHz
dB
25
1 dB Conversion Comp.
fL= +23 dBm
dBm
+19
Input IP3
fL = 100 to 3400 MHz, fI = 50 to 2000 MHz, fR = 100 to 3400 MHz
dBm
+28
R-Port VSWR
fR = 1 to 3400 MHz
2.0:1
L-Port VSWR
fL = 1 to 3400 MHz
2.0:1
I-Port VSWR
fI = 1 to 2000 MHz
2.0:1


Similar Part No. - CSM4TH_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4TH MACOM-CSM4TH Datasheet
186Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4TH MA-COM-CSM4TH Datasheet
100Kb / 3P
Termination Insensitive Mixer
CSM4TH MA-COM-CSM4TH Datasheet
100Kb / 3P
Termination Insensitive Mixer
More results

Similar Description - CSM4TH_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSM4TH MACOM-CSM4TH Datasheet
186Kb / 3P
Termination Insensitive Mixer
logo
M/A-COM Technology Solu...
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MDC-164 MA-COM-MDC-164 Datasheet
79Kb / 3P
Termination-Insensitive Mixer, Termination-Insensitive Mixer,
MDS-158 MA-COM-MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
CSM4T MA-COM-CSM4T Datasheet
100Kb / 3P
Termination Insensitive Mixer
CSM4T17 MA-COM-CSM4T17 Datasheet
86Kb / 3P
Termination Insensitive Mixer
MD_MDC_MDS-158 MA-COM-MD_MDC_MDS-158 Datasheet
106Kb / 3P
Termination Insensitive Mixer
MD-161 MA-COM-MD-161 Datasheet
109Kb / 3P
Termination Insensitive Mixer
MD-MDC-MDS-169 MA-COM-MD-MDC-MDS-169_15 Datasheet
105Kb / 4P
Termination Insensitive Mixer
MD-179 MA-COM-MD-179 Datasheet
721Kb / 4P
Termination Insensitive Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com