Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  3G/HD/SD Serial Digital Video Reclocker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M08045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
> Applications
 Digital Video Recorders (DVR)
 Video Mixers and Switchers
 Surveillance / CCTV Cameras
 Industrial and Professional
Cameras
 Digital Image Transfer / Capture
Devices
 Distribution Amplifiers
 Repeaters
M08045
M08045
Serial Digital Video
Reclocker for
2.97 Gb/s,
1.485 Gb/s,
and 270 Mb/s
data rates
3G/HD/SD Serial Digital Video Reclocker
Figure 1 – M08045 Pin-out diagram
PRODUCT BRIEF
The M08045 is a serial digital video reclocker with integrated trace
equalization, automatic rate detect (ARD) circuitry, and a 4:1 mux at
the input. It operates at data at 2.97 Gb/s, 1.485 Gb/s, and 270
Mb/s. The device has an input jitter tolerance (IJT) of greater than
0.6 unit intervals (UI) and can provide retimed serial outputs with
very low output jitter. The reclocker requires a single, external,
27MHz crystal, which is used as the reference clock for all four
channels. It includes per lane analog input equalization for up to 40"
of FR4 trace and two connectors in addition to output de-emphasis.
This device features integrated supply regulators, allowing it to be
powered from 1.2V, 1.8V, 2.5V, or 3.3V supply voltages. When
operating at 1.2V, it consumes only 230mW. Furthermore, the
power rails for the core, input, and output circuitry are electrically
independent thus may be connected to different voltage rails on the
board. This feature enables the M08045 to be DC coupled to any
upstream or downstream device regardless of its input/output
voltage level.
The 4:1 mux at the input allows any of the 4 inputs to be routed to
the integrated reclocker and its output. The device, and the input
mux, may be configured by setting the internal registers through
standard two-wire and four-wire interfaces. Optionally, the reclocker
may be configured at power-up through an external EEPROM device.
Limited configuration through hardware pin settings is also available.


Similar Part No. - M08045

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
1Mb / 49P
SD, HD, 3G Multi-rate Reclocker
More results

Similar Description - M08045

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21350 MA-COM-M21350 Datasheet
233Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M21355 MA-COM-M21355 Datasheet
228Kb / 2P
3G/HD/SD-SDI Low Power Quad Video Reclocker
M08035 MA-COM-M08035 Datasheet
1Mb / 49P
SD, HD, 3G Multi-rate Reclocker
M08048 MA-COM-M08048 Datasheet
384Kb / 2P
3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com