Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08045 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M08045
Description  3G/HD/SD Serial Digital Video Reclocker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08045 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M08045 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08045 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Benefits
0.6 UI input jitter tolerance
Enable robust, error free designs
Optimized data rates at 270 Mb/s, 1.485 Gb/s, and 2.97 Gb/s
Single Chip Solution for multiple data rates
Integrated 50Ω input termination
Saves board area and enable high density designs
4:1 input multiplexer
Enables high density designs, flexibility, low cost
Input equalization up to 40” of FR4 trace and 2 connectors, and
output de-emphasis
Ease of high speed design and layout
Integrated regulators extending operation from 1.2V to 3.3V
Reduces number of power rails required on board
Electrically isolated input, output, and core supply rails
Allows DC interface which saves board area and cost
Automatic and manual modes for rate indication and selection
Ease of use and flexibility
Loss of lock (LOL), Loss of signal (LOS), and data rate indication
Ease of status update and diagnostics
Low power dissipation (230mW at 1.2V)
Low power and thermal management costs
Small form factor and foot print (6x6 mm², 40-pin QFN package)
Industry standard package
Industrial operating temperature range: –40°C to +85 °C
Provides higher tolerance and additional design margin
© 2011 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo
are trademarks of Mindspeed Technologies. All other trademarks are the property of their
respective owners. Although Mindspeed Technologies strives for accuracy in all its
publications, this material may contain errors or omissions and is subject to change without
notice. This material is provided as is and without any express or implied warranties, including
merchantability, fitness for a particular purpose and non-infringement. Mindspeed
Technologies shall not be liable for any special, indirect, incidental or consequential damages
as a result of its use.
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
For more product information, please visit www.mindspeed.com
Package (RoHS Compliant)
• 6x6 mm², 40-pin QFN
Figure 2 – M08045 Functional Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com