Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08048 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M08048
Description  3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08048 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M08048 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08048 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
> Applications
 Surveillance / CCTV Cameras
 Industrial and Professional
Cameras
 Digital Video Recorders (DVR)
 Video Mixers and Switchers
 Digital Image Transmitter
Devices
 Distribution Amplifiers
 Repeaters
M08048
M08048
Serial Digital Video
Cable Driver with
Dual Outputs for
2.97 Gb/s,
1.485 Gb/s,
and 270 Mb/s
data rates
3G/HD/SD Serial Digital Video Cable Driver
With Dual Outputs
Figure 1 – M08048 Pin-out diagram
PRODUCT BRIEF
The M08048 is a high-speed, low-power, low-jitter cable driver
that is designed to drive serial digital video data through
commonly used bandwidth-limiting 75Ω coaxial cable applications.
The device is optimized for data rates at 2.97 Gb/s, 1.485 Gb/s, and
270 Mb/s to support serial digital video transmission for standard
definition (525i and 625i) and high definition (720p, 1080i, and
1080p) component video. The M08048 also supports 8-bit or 10-
bit component digital video (RGB or YCbCr 4:4:4 sampled and
YCbCr 4:2:2 or 4:2:0 sampled).
The M08048 has selectable slew rates for HD and SD applications.
The typical output rise/fall time of the device is 100 ps at 2.97 Gb/s
and 1.485 Gb/s, and 600 ps at 270 Mb/s. It also supports a
maximum single ended output swing of 1600 mVp–p with
appropriate configurations which can be used in cascade
applications.
The M08048 is packaged in a new high performance 3x3 mm² QFN
package to simplify the PCB and reduce package parasitics which
provides improvements in Output Return Loss (ORL). The device is
available in a RoHS compliant package, which is backwards
compatible with standard JEDEC SnPb processes.


Similar Part No. - M08048

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
1Mb / 49P
SD, HD, 3G Multi-rate Reclocker
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
More results

Similar Description - M08048

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Semtech Corporation
GS3441 SEMTECH-GS3441 Datasheet
1Mb / 25P
Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
logo
M/A-COM Technology Solu...
M08016 MA-COM-M08016_15 Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21528-13 MA-COM-M21528-13 Datasheet
760Kb / 22P
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
SD, HD, 3G Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
3G/HD/SD-SDI Low Power Dual Cable Driver
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com