Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M08048 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M08048
Description  3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08048 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M08048 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08048 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Benefits
Dual differential outputs with individual mute control
High speed outputs with low cost integration
Optimized data rates at 270 Mb/s, 1.485 Gb/s, and 2.97 Gb/s
Single Chip Solution for multiple data rates
800 mVp–p single ended output swing (typical) and
1600 mVp-p maximum single ended output swing
Offers router cascade applications through output splitting
Output disable control
Power down capability when not in use
Slew rate control
Application specific 3G/HD and SD operations
2.5V or 3.3V power supply
Standard voltage supply supported
Small form factor and foot print (3x3 mm², 16-pin QFN
package)
Industry standard package
Low power dissipation (122mW at 2.5V, 144mW at 3.3V)
Low power and thermal management costs
Extended operating temperature range: –10°C to +85 °C
Provides additional margin for various applications
© 2011 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo
are trademarks of Mindspeed Technologies. All other trademarks are the property of their
respective owners. Although Mindspeed Technologies strives for accuracy in all its
publications, this material may contain errors or omissions and is subject to change without
notice. This material is provided as is and without any express or implied warranties, including
merchantability, fitness for a particular purpose and non-infringement. Mindspeed
Technologies shall not be liable for any special, indirect, incidental or consequential damages
as a result of its use.
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
For more product information, please visit www.mindspeed.com
Package (RoHS Compliant)
3x3 mm², 16-pin QFN
Figure 2 – M08048 Functional Block Diagram
RSET
DDI
M08048 - CABLE DRIVER
INPUT
BUFFER
2.5V – 3.3V and BIAS CIRCUITRY
AVDD
OUTPUT
BUFFER
SDO1
SDO1
OUTPUT
BUFFER
SDO2
SDO2
CONTROL
LOGIC
DDI
SD/HD
MUTE1
MUTE2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com