Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZUP10 Datasheet(PDF) 2 Page - DENSEI-LAMBDA

Part # ZUP10
Description  Zero-up CV/CC 200 ~ 800W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZUP10 Datasheet(HTML) 2 Page - DENSEI-LAMBDA

  ZUP10 Datasheet HTML 1Page - DENSEI-LAMBDA ZUP10 Datasheet HTML 2Page - DENSEI-LAMBDA ZUP10 Datasheet HTML 3Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
194
ZUP-SERIES
Zero-up CV/CC 200 ~ 800W
Front panel
Outline drawing
(Unit: mm)
Notes:
1. Mounting screws must not protrude into the power supply more than 6mm.
2. External control connector
Connector: AMP, P/N 102617-5
Receptacle: AMP, P/N 87631-9
Receptacle contacts: AMP, P/N 87523-5(strip form)
P/N 87523-6(loose piece)
2. Wire AWG: 24 to 20
Hand tool for wires connection: AMP, P/N: 90202-2
3. RS232/RS485 communication
EIA/EIA-568A, shielded, 8 contacts connectors
4. Model name and output rating are shown here according to the
specifications.
5. M6 or M4 screws for load wires connection.
6. Input voltage and current rating are shown here according to the
specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com