Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZUP10 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # ZUP10
Description  Zero-up CV/CC 200 ~ 800W
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

ZUP10 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  ZUP10 Datasheet HTML 1Page - DENSEI-LAMBDA ZUP10 Datasheet HTML 2Page - DENSEI-LAMBDA ZUP10 Datasheet HTML 3Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
193
ZUP-SERIES
Zero-up CV/CC 200 ~ 800W
Model name
ZUP 10-20
Features
Programmable power supply
Constant voltage/Constant current
Built-in RS232 & RS485 interface
GP-IB interface: Option
External voltage or resistor programming
Last setting memory with safe restart or automatic restart
modes
Input current harmonics: EN61000-3-2 Class A
Series
Output
voltage
(0 ~ 10V)
Output
current
(0 ~ 20A)
Specifications
(Low Voltage Directive)
Product lineup
Input
1. Input voltage range
2. Input current
harmonics
3. Power factor (typ)
Output
1. Constant voltage
2. Constant current
3. Output protections
Environment
1. Operating temperature
External functions
1. Output ON/OFF
2. Output voltage
programming
3. Output current
programming
4. Remote sensing
5. Communication
interface
Approval
1. Safety standard
2. EMC standard
85 ~ 265VAC (47 ~ 63Hz) universal input voltage
Complies with EN61000-3-2 Class A.
0.99 at 100VAC, 100% load
Load Regulation: 0.005% +2mV, Line Regulation: 0.005% +1mV
RMS ripple: 5mV (5Hz ~ 1MHz bandwidth)
Ripple :50mV(pk to pk) (20MHz bandwidth)
Load Regulation: 0.01% +5mA, Line Regulation: 0.01% +2mA
Over voltage, Over temperature, Over current
0 ~ +50°C: 100% load
By TTL signal or Dry contact
By voltage (0 ~ 4V) or by Resistance (0 ~ 4k
Ω)
By voltage (0 ~ 4V) or by Resistance (0 ~ 4k
Ω)
Maximum 0.5V drop on each load wires
RS232 and RS485 built-in, IEEE488 option
UL3111-1, EN61010-1
EN61326-1, IEC61326-1 FCC part 15 class A
(*) Contact us about delivery before ordering.
Model name
Output voltage
Output current
Output power
Weight
ZUP6-33
0 ~ 33A
198W
2.9kg
ZUP6
ZUP6-66
0 ~ 6VDC
0 ~ 66A
396W
3.2kg
ZUP6-132 (*)
0 ~ 132A
792W
5.8kg
ZUP10-20
0 ~ 20A
200W
2.9kg
ZUP10
ZUP10-40
0 ~ 10VDC
0 ~ 40A
400W
3.2kg
ZUP10-80 (*)
0 ~ 80A
800W
5.8kg
ZUP20-10
0 ~ 10A
200W
2.9kg
ZUP20
ZUP20-20
0 ~ 20VDC
0 ~ 20A
400W
3.2kg
ZUP20-40 (*)
0 ~ 40A
800W
5.8kg
ZUP36-6
0 ~ 6A
216W
2.9kg
ZUP36
ZUP36-12
0 ~ 36VDC
0 ~ 12A
432W
3.2kg
ZUP36-24 (*)
0 ~ 24A
864W
5.8kg
ZUP60-3.5
0 ~ 3.5A
210W
2.9kg
ZUP60
ZUP60-7
0 ~ 60VDC
0 ~ 7A
420W
3.2kg
ZUP60-14 (*)
0 ~ 14A
840W
5.8kg
ZUP80
ZUP80-2.5
0 ~ 80VDC
0 ~ 2.5A
200W
2.9kg
ZUP80-5
0 ~ 5A
400W
3.2kg
ZUP120
ZUP120-1.8
0 ~ 120VDC
0 ~ 1.8A
216W
2.9kg
ZUP120-3.6
0 ~ 3.6A
432W
3.2kg


Similar Part No. - ZUP10

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZUP10-20 TDK-ZUP10-20 Datasheet
591Kb / 2P
Zero up programmable power supplies
ZUP10-20 TDK-ZUP10-20 Datasheet
158Kb / 1P
Programmable Power Supplies (CVCC)
ZUP10-20-L TDK-ZUP10-20-L Datasheet
158Kb / 1P
Programmable Power Supplies (CVCC)
ZUP10-20-LU TDK-ZUP10-20-LU Datasheet
197Kb / 2P
Programmable Power Supplies
May 10, 2022
ZUP10-20-LUW TDK-ZUP10-20-LUW Datasheet
197Kb / 2P
Programmable Power Supplies
May 10, 2022
More results

Similar Description - ZUP10

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-35 POWERINT-DER-35 Datasheet
551Kb / 22P
3.5W CV/CC Adapter using TNY264P
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328 Datasheet
141Kb / 10P
Secondary Side CV/CC Controller
May, 2013 ??Rev. 0
NCP4328BSNT1G ONSEMI-NCP4328BSNT1G Datasheet
142Kb / 10P
Secondary Side CV/CC Controller
August, 2013 ??Rev. 1
logo
Analog Microelectronics
AME5242 AME-AME5242 Datasheet
839Kb / 15P
40V CC/CV Buck Converter
AME5244 AME-AME5244 Datasheet
875Kb / 15P
40V CC/CV Buck Converter
logo
ON Semiconductor
NCP4328 ONSEMI-NCP4328_15 Datasheet
96Kb / 10P
Secondary Side CV/CC Controller
July, 2015 ??Rev. 2
logo
List of Unclassifed Man...
1685B ETC2-1685B Datasheet
222Kb / 3P
Automatic CV/CC crossover operation
logo
Monolithic Power System...
MP26085 MPS-MP26085 Datasheet
729Kb / 13P
CC/CV Controller
logo
Shenzhen Titan Micro El...
TM5201 TITAN-TM5201 Datasheet
355Kb / 10P
CV/CC
logo
SIFIRST TECHNOLOGIES NA...
SF6761S SIFIRST-SF6761S Datasheet
149Kb / 2P
super-QR/PSRTM CV/CC Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com