Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1040468 Datasheet(PDF) 3 Page - SICK AG

Part # 1040468
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1040468 Datasheet(HTML) 3 Page - SICK AG

  1040468 Datasheet HTML 1Page - SICK AG 1040468 Datasheet HTML 2Page - SICK AG 1040468 Datasheet HTML 3Page - SICK AG 1040468 Datasheet HTML 4Page - SICK AG 1040468 Datasheet HTML 5Page - SICK AG 1040468 Datasheet HTML 6Page - SICK AG 1040468 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DT500-A123 | Dx500
LONG RANGE DISTANCE SENSORS
Ambient data
Enclosure rating
IP 65
Protection class
II 1)
Electromagnetic compatibility (EMC)
EN 61000-6-2, EN 55011
EN 60947-5-7: 2003-9
Ambient temperature
Operation: –10 °C ... +45 °C
Operation with cooling case: –10 °C ... +75 °C
Storage: –25 °C ... +75 °C
Temperature drift
Typ. 0.05 mm/K
Mechanical load
Shock: EN 600 68-2-27 / –2-29
Sine: EN 600 68-2-6
Noise: EN 600 68-2-64
1) Reference voltage DC 32 V.
Dimensional drawing (Dimensions in mm (inch))
69 (2.72)
26
(1.02)
110 (4.33)
approx.
20
(0.79)
153 (6.02)
146 (5.75)
15
(0.59)
105 (4.13)
49 (1.93)
104 (4.09)
Ø 9
(0.35)
1
2
3
4
5
①  Optical axis, sender
②  Optical axis, receiver
③  Male connector M12, 5-pin
④  Zero level
⑤  Fixing hole
Connection type
DT500-Axx3 CAN (Layer 2) Connector M12, 8-pin
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com