Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1040468 Datasheet(PDF) 5 Page - SICK AG

Part # 1040468
Description  LONG RANGE DISTANCE SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1040468 Datasheet(HTML) 5 Page - SICK AG

  1040468 Datasheet HTML 1Page - SICK AG 1040468 Datasheet HTML 2Page - SICK AG 1040468 Datasheet HTML 3Page - SICK AG 1040468 Datasheet HTML 4Page - SICK AG 1040468 Datasheet HTML 5Page - SICK AG 1040468 Datasheet HTML 6Page - SICK AG 1040468 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DT500-A123 | Dx500
LONG RANGE DISTANCE SENSORS
Functional principle
Additional information
Extern Teach ET via MF 1
Teach-in
MF active
Model
0 mA
100 ms
Current measurement value is used
4 mA
200 ms
20 mA
300 ms
Laser off
> 450 ms
1 Multi functional input.
Error performance or no object in measurement range
Measurement not possible
Measurement value output
display
Analog interface
CAN Bus
Serial interface
0.000
0/3.5 mA
00000
00000 CRLF
Measurement value output
display
Analog interface
CAN Bus
Serial interface
99.99
20.5 mA
99999
99999 CRLF
Function MF input
Function MF input
Teach in
0 mA
60 ms < MF < 150 ms
Teach in
4 mA
150 ms < MF < 250 ms
Teach in
20 mA
250 ms < MF < 350 ms
Laser off
–
450 ms < MF < ∞
Recommended accessories
Other models and accessories
www.sick.com/Dx500
Brief description
Type
Part no.
Terminal and alignment brackets
Alignment unit for DS/DT500, stainless steel (1.4541), incl. mounting material, mount-
ing hardware included
BEF-DSDT
2031377
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com