Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW210
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
6
6
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
6
DC Control Current (mA)
RF Output State
J2
J1-J2
-20
low loss
+20
Isolation
Compatible MACOM Driver MADR-007097-000100
Driver Connections and Drivers
6. RLC values are for an operation frequency of 2-18 GHz and
bias current of ± 20 mA per port..
MA4SW110 (SPST)
MA4SW210 (SPDT)
MA4SW310 (SP3T)
DC Control Current (mA)
RF Output States
J2
J3
J1-J2
J1-J3
-20
+20
low loss
Isolation
+20
-20
Isolation
low loss
Compatible MACOM Driver MADR-007097-000100
DC Control Current (mA)
RF Output States
J2
J3
J4
J1-J2
J1-J3
J1-J4
-20
+20
+20
low loss Isolation Isolation
+20
-20
+20
Isolation low loss Isolation
+20
+20
-20
Isolation Isolation low loss
Compatible MACOM Driver MADR-009190-000100
Operation of MA4SW Series Switches
The simultaneous application of a negative DC
current to the low loss port and positive DC current
to the isolated port is required for proper operation of
the MA4SW series of PIN switches. The backside
area of the die is the RF and DC ground return and
the DC return is through the common Port J1. A
constant current source should be used to supply
the DC control currents. The control voltages at
these points will not exceed ±1.5 volts for supply
currents up to +50mA. In the low loss state, the se-
ries diode must be forward biased and the shunt
diode reverse biased. On all isolated ports, the shunt
diode is forward biased and the series diode is
reverse biased.
Bias Connections6
J1 RFIN
20 pF
20 pF
20 nH
100 Ω
20 nH
20 pF
20 pF RFOUT
J2
Switch
Chip
J2 Bias
MA4SW110 (SPST)
J1 RFIN
20 pF
20 pF
20 nH
100 Ω
20 nH
20 pF
20 pF RFOUT
J2
Switch
Chip
20 nH
20 pF
20 pF
RFOUT
J3
J3 Bias
J2 Bias
MA4SW210 (SPDT)
J1 RFIN
20 pF
20 pF
20 nH
100 Ω
20 nH
20 pF
20 pF RFOUT
J2
Switch
Chip
20 nH
20 pF
20 pF
RFOUT
J4
J4 Bias
J2 Bias
J3 RFOUT
20 pF
20 pF
J3
20 nH
Bias
MA4SW310 (SP3T)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com