Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW210 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW210
Description  HMIC Silicon PIN Diode Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW210 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SW210 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MA4SW210 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HMIC™ Silicon PIN Diode Switches
Rev. V10
MA4SWx10 Series
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Broad Bandwidth
 Specified from 50 MHz to 20 GHz
 Usable from 50 MHz to 26.5 GHz
 Lower Insertion Loss / Higher Isolation
 Fully Monolithic, Glass Encapsulated Chip
 Up to +33 dBm CW Power Handling @ +25°C
 RoHS* Compliant
Description
The MA4SW110 (SPST), MA4SW210 (SPDT) and
MA4SW310 (SP3T) are series-shunt, broadband,
PIN diode switches made with MACOM’s HMICTM
(Heterolithic Microwave Integrated Circuit) process.
This process allows the silicon pedestals which form
the series - shunt diodes and vias to be embedded
into low loss, low dispersion glass. By also
incorporating
small
spacing
between
circuit
elements, the result is an HMIC chip with low
insertion loss and high isolation at frequencies up to
26.5 GHz.
They are designed for use as moderate power, high
performance
switches
and
provide
superior
performance when compared to similar designs that
use discrete components.
The top side of the chip is protected by a polymer
coating for manual or automatic handling and large
gold bond pads help facilitate connection of low
inductance ribbons. The gold metallization on the
backside of the chip allows for attachment via 80/20,
gold/tin solder or conductive silver epoxy.
Ordering Information
Part Number
Package
MA4SW110
Gel Pack
MA4SW210
Gel Pack
MA4SW310
Gel Pack
*Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
J1
J2
J2
J3
J1
J2
J4
J1
J3
MA4SW110 (SPST)
Functional Diagrams
MA4SW210 (SPDT)
MA4SW310 (SP3T)


Similar Part No. - MA4SW210

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW210 MACOM-MA4SW210 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
MA4SW210 MACOM-MA4SW210 Datasheet
450Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW210 MA-COM-MA4SW210 Datasheet
302Kb / 8P
HMIC??Silicon PIN Diode Switches RoHS Compliant
logo
Tyco Electronics
MA4SW210B-1 MACOM-MA4SW210B-1 Datasheet
879Kb / 9P
Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW210B-1 MA-COM-MA4SW210B-1 Datasheet
153Kb / 7P
HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW210

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-002102-13580_V5 MA-COM-MASW-002102-13580_V5 Datasheet
152Kb / 7P
HMIC Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100-002100-003100 MA-COM-MASW-001100-002100-003100 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-002102-003102 MA-COM-MASW-002102-003102_15 Datasheet
152Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com