Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1001 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1001
Description  10-Bit P Compatible A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1001 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC1001 Datasheet HTML 1Page - National Semiconductor (TI) ADC1001 Datasheet HTML 2Page - National Semiconductor (TI) ADC1001 Datasheet HTML 3Page - National Semiconductor (TI) ADC1001 Datasheet HTML 4Page - National Semiconductor (TI) ADC1001 Datasheet HTML 5Page - National Semiconductor (TI) ADC1001 Datasheet HTML 6Page - National Semiconductor (TI) ADC1001 Datasheet HTML 7Page - National Semiconductor (TI) ADC1001 Datasheet HTML 8Page - National Semiconductor (TI) ADC1001 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC Electrical Characteristics
The following specifications apply for V
CC=5VDC and TMIN≤TA≤ TMAX, unless otherwise specified.
Symbol
Parameter
Conditions
MIn
Typ
Max
Units
CONTROL INPUTS [Note: CLK IN is the input of a Schmitt trigger circuit and is therefore specified separately]
V
IN (1)
Logical “1” Input Voltage
V
CC=5.25 VDC
2.0
15
V
DC
(Except CLK IN)
V
IN (0)
Logical “0” Input Voltage
V
CC=4.75 VDC
0.8
V
DC
(Except CLK IN)
I
IN (1)
Logical “1” Input Current
V
IN=5VDC
0.005
1
µA
DC
(All Inputs)
I
IN (0)
Logical “0” input Current
V
IN=0VDC
−1
−0.005
µA
DC
(All Inputs)
CLOCK IN
V
T+
CLK IN Positive Going
2.7
3.1
3.5
V
DC
Threshold Voltage
V
T−
CLK IN Negative Going
1.5
1.8
2.1
V
DC
Threshold Voltage
V
H
CLK IN Hysteresis
0.6
1.3
2.0
V
DC
(V
T+)−(VT−)
OUTPUTS AND INTR
V
OUT(0)
Logical “0” Output Voltage
I
OUT=1.6 mA, VCC=4.75 VDC
0.4
V
DC
V
OUT(1)
Logical “1” Output Voltage
I
O=−360 µA, VCC=4.75 VDC
2.4
V
DC
I
O=−10 µA, VCC=4.75 VDC
4.5
V
DC
I
OUT
TRI-STATE Disabled Output
V
OUT=0.4 VDC
0.1
−100
µA
DC
Leakage (All Data Buffers)
V
OUT=5VDC
0.1
3
µA
DC
I
SOURCE
V
OUT Short to GND, TA=25˚C
4.5
6
mA
DC
I
SINK
V
OUT Short to VCC,TA=25˚C
9.0
16
mA
DC
POWER SUPPLY
I
CC
Supply Current (Includes
f
CLK=410 kHz,
Ladder Current)
V
REF/2=NC, TA=25˚C
and CS =1
2.5
5.0
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: All voltages are measured with respect to GND, unless otherwise specified. The separate A GND point should always be wired to the D GND.
Note 3: A zener diode exists, internally, from VCC to GND and has a typical breakdown voltage of 7 VDC.
Note 4: For VIN(−)≥ VIN(+) the digital output code will be all zeros. Two on-chip diodes are tied to each analog input (see Block Diagram) which will forward conduct
for analog input voltages one diode drop below ground or one diode drop greater than the VCC supply. Be careful, during testing at low VCC levels (4.5V), as high
level analog inputs (5V) can cause this input diode to conduct — especially at elevated temperatures, and cause errors for analog inputs near fullscale. The spec al-
lows 50 mV forward bias of either diode. This means that as long as the analog VIN does not exceed the supply voltage by more than 50 mV, the output code will
be correct. To achieve an absolute 0 VDC to5VDC input voltage range will therefore require a minimum supply voltage of 4.950 VDC over temperature variations, initial
tolerance and loading.
Note 5: With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the conversion process. The
start request is internally latched, see
Figure 3 .
Note 6: The CS input is assumed to bracket the WR strobe input and therefore timing is dependent on the WR pulse width. An arbitrarily wide pulse width will hold
the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse (see Timing Diagrams).
Note 7: All typical values are for TA=25˚C.
Note 8: Accuracy is guaranteed at fCLK=410 kHz. At higher clock frequencies accuracy can degrade.
Note 9: The VREF/2 pin is the center point of a two resistor divider (each resistor is 2.4kΩ) connected from VCC to ground. Total ladder input resistance is the sum
of these two equal resistors.
Note 10: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com