Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1001 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1001
Description  10-Bit P Compatible A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1001 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC1001 Datasheet HTML 1Page - National Semiconductor (TI) ADC1001 Datasheet HTML 2Page - National Semiconductor (TI) ADC1001 Datasheet HTML 3Page - National Semiconductor (TI) ADC1001 Datasheet HTML 4Page - National Semiconductor (TI) ADC1001 Datasheet HTML 5Page - National Semiconductor (TI) ADC1001 Datasheet HTML 6Page - National Semiconductor (TI) ADC1001 Datasheet HTML 7Page - National Semiconductor (TI) ADC1001 Datasheet HTML 8Page - National Semiconductor (TI) ADC1001 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ADC1001
10-Bit µP Compatible A/D Converter
General Description
The ADC1001 is a CMOS, 10-bit successive approximation
A/D converter. The 20-pin ADC1001 is pin compatible with
the ADC0801 8-bit A/D family. The 10-bit data word is read in
two 8-bit bytes, formatted left justified and high byte first. The
six least significant bits of the second byte are set to zero, as
is proper for a 16-bit word.
Differential inputs provide low frequency input common
mode rejection and allow offsetting the analog range of the
converter. In addition, the reference input can be adjusted
enabling the conversion of reduced analog ranges with
10-bit resolution.
Key Specifications
n Resolution
10 bits
n Linearity error
±1 LSB
n Conversion time
200µS
Features
n ADC1001 is pin compatible with ADC0801 series 8-bit
A/D converters
n Compatible with NSC800 and 8080 µP derivatives — no
interfacing logic needed
n Easily interfaced to 6800 µP derivatives
n Differential analog voltage inputs
n Logic inputs and outputs meet both MOS and TTL
voltage level specifications
n Works with 2.5V (LM336) voltage reference
n On-chip clock generator
n 0V to 5V analog input voltage range with single 5V
supply
n Operates ratiometrically or with 5 VDC, 2.5 VDC,or
analog span adjusted voltage reference
n 0.3" standard width 20-pin DIP package
Connection Diagram
Ordering Information
Temperature
Range
0˚C to +70˚C
−40˚C to +85˚C
Order Number
ADC1001CCJ-1
ADC1001CCJ
Package Outline
J20A
J20A
TRI-STATE® is a registered trademark of National Semiconductor Corp.
ADC1001
Dual-In-Line Package
DS005675-11
Top View
June 1999
© 1999 National Semiconductor Corporation
DS005675
www.national.com


Similar Part No. - ADC1001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1001 NSC-ADC1001 Datasheet
243Kb / 7P
10-BIT uP COMPATIBLKE A/D CONVERTERS
ADC1001CCJ NSC-ADC1001CCJ Datasheet
243Kb / 7P
10-BIT uP COMPATIBLKE A/D CONVERTERS
ADC1001CCJ-1 NSC-ADC1001CCJ-1 Datasheet
243Kb / 7P
10-BIT uP COMPATIBLKE A/D CONVERTERS
More results

Similar Description - ADC1001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0841 NSC-ADC0841 Datasheet
380Kb / 16P
8-Bit P Compatible A/D Converter
ADC1005 NSC-ADC1005 Datasheet
254Kb / 12P
10-Bit P Compatible A/D Converter
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
10-Bit mP-compatible D/A converter
August 31, 1994
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
關P Compatible 8 Bit A/D Converter
MX7536 MAXIM-MX7536 Datasheet
425Kb / 12P
關P Compatible 14-Bit D/A Converter
Rev 0; 1/89
MX7538 MAXIM-MX7538 Datasheet
396Kb / 11P
關P Compatible CMOS 14-Bit D/A Converter
19-2307; Rev 1; 7/95
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
National Semiconductor ...
ADC1005 NSC-ADC1005_09 Datasheet
446Kb / 16P
10-Bit 關P Compatible A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com