Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM1C13 Datasheet(PDF) 9 Page - Vicor Corporation

Part # FARM1C13
Description  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C13 Datasheet(HTML) 9 Page - Vicor Corporation

Back Button FARM1C13 Datasheet HTML 3Page - Vicor Corporation FARM1C13 Datasheet HTML 4Page - Vicor Corporation FARM1C13 Datasheet HTML 5Page - Vicor Corporation FARM1C13 Datasheet HTML 6Page - Vicor Corporation FARM1C13 Datasheet HTML 7Page - Vicor Corporation FARM1C13 Datasheet HTML 8Page - Vicor Corporation FARM1C13 Datasheet HTML 9Page - Vicor Corporation FARM1C13 Datasheet HTML 10Page - Vicor Corporation FARM1C13 Datasheet HTML 11Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FARM™
Rev 6.7
vicorpower.com
Page 9 of 11
06/2015
800 927.9474
FARMxxxx
Output Voltage
40
45
50
55
60
65
70
75
80
50
30
15
5
2
Figure 17 — Converter ripple rejection vs. output voltage (typical)
APPLICATION NOTE (CONT.)
*
Operating Power (W)
0
5
10
15
20
25
30
35
40
1000
750
500
250
*
*
(FARM2XXX)
(FARM1XXX)
Figure 14 — Power fail warning time vs. operating power
and total bus capacitance, series combination of
C1, C2 (see Fig. 9)
Operating Power (W)
0
5
10
15
20
25
30
2200
μF
1600
μF
1300
μF
1000
750
500
250
*
1100
μF
820
μF
680
μF
*
*
(FARM1XXX)
(FARM2XXX)
Figure 16 — Ripple voltage vs. operating power and bus
capacitance, series combination of C1, C2
(see Fig. 9)
Operating Power (W)
0
10
20
30
40
50
60
70
80
90
100
90 Vac
115 Vac
1000
750
500
250
Total
capacitance
820
μF
Figure 15 — Ride-through time vs. operating power
Figure 13 — Hold-up time
205 V
190 V
Power Fail
Power Fail
Warning
Bus OK
Converter
Shut down
Hold-up Time
254 V
Ride-Through Time
Ripple (V p-p)
π – θθ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com