Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM1C13 Datasheet(PDF) 2 Page - Vicor Corporation

Part # FARM1C13
Description  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C13 Datasheet(HTML) 2 Page - Vicor Corporation

  FARM1C13 Datasheet HTML 1Page - Vicor Corporation FARM1C13 Datasheet HTML 2Page - Vicor Corporation FARM1C13 Datasheet HTML 3Page - Vicor Corporation FARM1C13 Datasheet HTML 4Page - Vicor Corporation FARM1C13 Datasheet HTML 5Page - Vicor Corporation FARM1C13 Datasheet HTML 6Page - Vicor Corporation FARM1C13 Datasheet HTML 7Page - Vicor Corporation FARM1C13 Datasheet HTML 8Page - Vicor Corporation FARM1C13 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FARM™
Rev 6.7
vicorpower.com
Page 2 of 11
06/2015
800 927.9474
FARMxxxx
FARM1xxx
FARM2xxx
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Notes
Output power
0
500
0
750
Watts
90 – 132 Vac
0
750
0
1000
Watts
180 – 264 Vac
Efficiency
94
96
94
96
%
120/240 Vac
Output voltage
250
370
250
370
Vdc
90 – 264 Vac
External hold-up capacitance
1,750
µF
2 - 3,300 µF in series; HUB3300-S
1,100
µF
2 - 2,200 µF in series; HUB2200-S
OUTPUT SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
low range
90
132
Vac
Autoranging (doubler mode)
high range
180
264
Vac
Autoranging (bridge mode)
Input undervoltage
90
Vac
No damage
AC line frequency
47
63
Hz
C-Grade
47
880
Hz
T-Grade, H-Grade
Power factor
0.60
Dependent on line source impedance, hold up
capacitance and load.
Inrush current
30
Amps
264 Vac peak line
INPUT SPECIFICATIONS (FARM1xxx, FARM2xxx)
ELECTRICAL CHARACTERISTICS
Electrical characteristics apply over the full operating range of input voltage, output power and baseplate temperature, unless
otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Specifications apply for AC
mains having up to 5% total harmonic distortion.
CONTROL PIN SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Notes
AC Bus OK (B OK)
Low state resistance
15
Ω
To negative output – Bus normal
Low state voltage
0.1
Vdc
Bus normal 50 mA max.
High state voltage
14.0
15.0
15.4
Vdc
Bus abnormal, 27 K internal pull up to 15 Vdc (see Fig.11)
B OK true threshold
235
240
245
Vdc
Output Bus voltage (see Fig. 8)
B OK false threshold
200
205
210
Vdc
Output Bus voltage
Module Enable (EN)
Low state resistance
15
Ω
To negative output – Converters disabled
Low state voltage
0.1
Vdc
50 mA max.
High state voltage
12
14
16
Vdc
150 K internal pull up to 15 Vdc (see Fig. 10)
Enable threshold
235
240
245
Vdc
Output bus voltage (see Fig. 8)
Disable threshold
185
190
195
Vdc
Output bus voltage
AC Bus OK - Module Enable,
12
14
16
Vdc
AC Bus OK and Module Enable thresholds track
differential error*
* Tracking error between BUS OK and Enable thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com