Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C13 Datasheet(PDF) 1 Page - Vicor Corporation

Part # FARM2C13
Description  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2C13 Datasheet(HTML) 1 Page - Vicor Corporation

  FARM2C13 Datasheet HTML 1Page - Vicor Corporation FARM2C13 Datasheet HTML 2Page - Vicor Corporation FARM2C13 Datasheet HTML 3Page - Vicor Corporation FARM2C13 Datasheet HTML 4Page - Vicor Corporation FARM2C13 Datasheet HTML 5Page - Vicor Corporation FARM2C13 Datasheet HTML 6Page - Vicor Corporation FARM2C13 Datasheet HTML 7Page - Vicor Corporation FARM2C13 Datasheet HTML 8Page - Vicor Corporation FARM2C13 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Filter/Autoranging Rectifier Module Up to 1000 Watts
S
NRTL
CUS
C
US
®
FARM™
Rev 6.7
vicorpower.com
Page 1 of 11
06/2015
800 927.9474
FARMxxxx
FARM™
Parameter
Rating
Unit
Notes
L to N voltage
264
Vac
Continuous
280
Vac
100 ms
+Out to – Out voltage
400
Vdc
B OK to – Out voltage
16
Vdc
EN to – Out voltage
16
Vdc
Mounting torque
4 – 6(0.45 – 0.68)
in-lbs (N-m)
6 each, 4-40 screw
Operating temperature
– 40 to 100
°C
H-Grade
Storage temperature
– 55 to 125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
< 5 sec; wave solder
750 (390)
°F (°C)
< 7 sec; hand solder
Output current
3.5
A
Baseplate temperature
100
°C
Features
•
RoHS compliant (with F or G pin style)
•
EMI filtering
•
Choice of 500 W or 750 W modules
•
96% efficiency
•
Autoranging 115/230 Vac input
•
Microprocessor controlled
•
Inrush current limiting
•
Mini sized package
•
Power fail signal
•
Module enable
Product Highlights
The FARM (Filter/Autoranging Rectifier
Module) is an AC front-end module which
provides EMI filtering, autoranging line
rectification and inrush current limiting. The
FARM is available in either 500/750 W or
750/1000 W models in a mini sized package
measuring only 2.28" x 2.2" x 0.5".
The FARM interfaces directly with
worldwide AC mains and may be used with
Vicor 300 V input DC-DC converters to
realize an autoranging, high density, low
profile switching power supply. The FARM
includes a microcontroller that continuously
monitors the AC line to control bridge /
doubler operation. The user need only
provide external capacitance to satisfy
system hold-up requirements.
Vicor 2nd Generation packaging technology
offers flexible mounting options for various
manufacturing processes. The FARM may be
installed as a conventional leaded device
for onboard applications, inboard for low
profile, height restricted applications,
socketed or surface mounted with optional
ModuMate interconnect products.
Actual size:
2.28 x 2.2 x 0.5 in
57,9 x 55,9 x 12,7 mm
Absolute Maximum Rating
Thermal Resistance and Capacity
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.16
°C/Watt
with thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
Free convection
8.0
°C/Watt
1000 LFM
1.9
°C/Watt
FARM
1
C
1
1
Product
Type
1= 500/750 W
2= 750/1000 W
Baseplate
1 = Slotted
2 = Threaded
3 = Thru hole
Pin Style
1 = Short Pin
2 = Long Pin
S = Short ModuMate
[1]
N = Long ModuMate
[1]
F = Short RoHS
[1]
G = Long RoHS
[1]
K = Extra Long RoHS
[2]
Product Grade Temperatures (°C)
Grade
Operating
Storage
E =
–10 to +100
– 20 to +125
C =
– 20 to +100
– 40 to +125
T =
– 40 to +100
– 40 to +125
H =
– 40 to +100
– 55 to +125
Part Numbering
[1]
Pin styles S, N, F & G are compatible with the ModuMate interconnect system for socketing and surface mounting
[2]
Not intended for socket or Surfmate mounting


Similar Part No. - FARM2C13

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM2C13 VICOR-FARM2C13 Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
logo
Powerbox
FARM2C13 POWERBOX-FARM2C13 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Vicor Corporation
FARM2C13 VICOR-FARM2C13 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARM2C13 VICOR-FARM2C13 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
More results

Similar Description - FARM2C13

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FARM VICOR-FARM Datasheet
314Kb / 12P
FARM Filter/ Autoranging Rectifier Module
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
UP TO 4 WATTS
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com