Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FARM2C13 Datasheet(PDF) 6 Page - Vicor Corporation

Part # FARM2C13
Description  Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM2C13 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button FARM2C13 Datasheet HTML 2Page - Vicor Corporation FARM2C13 Datasheet HTML 3Page - Vicor Corporation FARM2C13 Datasheet HTML 4Page - Vicor Corporation FARM2C13 Datasheet HTML 5Page - Vicor Corporation FARM2C13 Datasheet HTML 6Page - Vicor Corporation FARM2C13 Datasheet HTML 7Page - Vicor Corporation FARM2C13 Datasheet HTML 8Page - Vicor Corporation FARM2C13 Datasheet HTML 9Page - Vicor Corporation FARM2C13 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FARM™
Rev 6.7
vicorpower.com
Page 6 of 11
06/2015
800 927.9474
FARMxxxx
Figure 9 — Offline Power Supply Configuration
OffLine Power Supply Configuration
The FARM maintains the DC output bus voltage between 250
and 370 Vdc over the entire input voltage range, which is
compatible with Vicor 300 V input converters. The FARM
automatically switches to the proper bridge or doubler mode
depending on the input voltage, eliminating the possibility of
damage due to improper line connection. The FARM1xxx is
rated at 500 W in the low range (90-132 Vac input), and
750 W in the high range (180-264 Vac input). The FARM2xxx
is rated for 750 W and 1000 W for the low and high input
ranges respectively. Either of these modules can serve as the
AC front end for any number and combination of compatible
converters as long as the maximum power rating is not exceeded.
Strap (ST) Pin.
In addition to input and output power pin
connections, it is necessary to connect the Strap pin to the center
junction of the series hold-up capacitors (C1, C2, see Fig. 9) for
proper (autoranging) operation. Metal oxide varistors, V1 and
V2 provide capacitor protection. The bleeder resistors (R1, R2,
see Fig. 9)
discharge the hold-up capacitors when power is
switched off. Capacitors C7 and C8 are recommended if the
hold-up capacitors are located more than 3 inches (75 mm)
from the FARM output pins.
Enable (EN) Pin. (see Fig. 10)
The Enable pin must be
connected to the PC or Gate-In pin of all converter modules to
disable the converters during power up. Otherwise, the
converters would attempt to start while the hold-up capacitors
were being charged through an unbypassed current limiting
thermistor, preventing the bus voltage from reaching the
thermistor bypass threshold, thus disabling the power supply.
The Enable output (the drain of an N channel MOSFET) is
internally pulled up to 15 V through a 150 k
Ω resistor.
A signal diode should be placed close to and in series with
the PC or (Gate-In) pin of each converter to eliminate the
possibility of control interference between converters.
The Enable pin switches to the high state (15 V) with respect
to the negative output power pin to turn on the converters after
the power up inrush is over. The Enable function also provides
input overvoltage protection for the converters by turning
off the converters if the DC bus voltage exceeds 400 Vdc.
The thermistor bypass switch opens if this condition occurs,
placing the thermistor in series with the input voltage, which
reduces the bus voltage to a safe level while limiting input
current in case the varistors conduct. The thermistor bypass
switch also opens if a fault or overload reduces the bus voltage
to less than 180 Vdc.
CAUTION: There is no input to output isolation in
the FARM, hence the –Out of the FARM and thus the –In
of the downstream DC-DC converter(s) are at a high
potential. If it is necessary to provide an external enable /
disable function by controlling the DC-DC converter’s PC
pin (referenced to the –In) of the converter an opto-isolator
or isolated relay should be employed.
+IN
PC (GATE IN)
PR
–IN
+IN
PC (GATE IN)
PR
–IN
Vicor DC-DC
Converter
R1
R2
C1
C2
V1
V2
D2
D1
C3
C5
C4
C6
F1
F2
Vicor DC-DC
Converter
To additional modules
C7**
C8**
FARM
Filter/Autoranging
Rectifier Module
N
EMI GND
N/C
L
+
BOK
ST
EN
–
Z1
C9
L
PE
N
R3
D4
C11
C10
D3
R4
F3
*
Vicor
Part
Description
Part Number
C1,2
Hold-up capacitors
C3-C6
4,700 pF (Y2 type)
01000
C7,8**
Film Cap., 0.61 µF
34610
C9
0.47 µF
03047
C10,C11
0.001 µF
D1, 2
Diode
00670
D3, 4
1N5817
26108
F1, F2
Use recommended fusing for specific
DC-DC Converters
R1, 2
150 KΩ, 0.5 W
R3, 4***
250 Ω
V1,2
220 V MOV
30234-220
Z1
MOV 270
30076
Sizing PCB traces:
All traces shown in bold carry significant
current and should be sized accordingly.
N/ST/L
10 A rms at 90 Vac and 500 W
+/– In
4 A DC at 190 Vdc and 750 W
FARM2-xxx
N/ST/L
20 A rms at 90 Vac and 750 W
+/– In
8 A DC at 190 Vdc and 1000 W
* See Agency Approvals on FARM data sheet.
**
Required if C1 & C2 are located more than
3 in (75 mm) from output of the FARM.
***Not used with VI-260/VI-J60
Not used with VI-260/VI-J60
APPLICATION NOTE (CONT.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com