Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2-2428PCF Datasheet(PDF) 2 Page - Hirose Electric

Part # DF2-2428PCF
Description  2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF2-2428PCF Datasheet(HTML) 2 Page - Hirose Electric

  DF2-2428PCF Datasheet HTML 1Page - Hirose Electric DF2-2428PCF Datasheet HTML 2Page - Hirose Electric DF2-2428PCF Datasheet HTML 3Page - Hirose Electric DF2-2428PCF Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B133
sProduct Specifications
Current rating
(Note1)
Voltage rating
AWG 24 : 3A
Cable Size
AWG 26 : 2A
AWG 28 : 1A
250V AC
Storage Temperature Range
Storage Moisture Range
Operating Temperature Range
Operating Moisture Range
-10 to +60ç (Note3)
-40 to 70% (Note3)
-30 to +85ç (Note2)
-40 to 80%
sUL CSA Safety Standard File No.
UL
:E52653
CSA
:LR95109
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Resistance in Crimping Area 30m ohms Max
100mA
4. Vibration
No damage, cracks, or parts looseness.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5. Humidity (Steady state) Contact resistance: 30m ohms max.Insulation resistance: 1000M ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 30m ohms max:Insulation resistance: 1000M ohms min.
(-55ç: 30 minutes ➝ 5 to 35ç: 10 minutes
(-85ç: 30 minutes ➝ 5 to 35ç: 10 minutes) 5 cycles
7. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
Rating
sMaterial
Product
Part
Material
Finish
Remarks
Crimping Socket
Insulator
Polyamide
White
UL94V-0
Plug Crimping Contact
Contact
Brass
Tin plated
–––––
Rated Current
Rated Voltage
Wire Size
AWG 24 to 28 : 1A
30V AC
Rating
Standard Value Compliant to UL CSA Safety Standard
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sOrdering Information
qCrimping Plug
qContact
DF2
- * P - 2.5 C
q
w er
t
DF2
- 2428 - PCF
qw
q Series Name
: DF 2
w Number of Contacts : 2 to 16, 18, 20
e Connector Type
P : Plug
r Contact Pitch
: 2.5mm
t C : Crimping Plug
q Applicable Cable Size
2428 : AWG 24 to 28
w Packaging Type
PCF : Plug Contact, Reel
PC : Plug Contact, Bag



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com