Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2-2428PCF Datasheet(PDF) 4 Page - Hirose Electric

Part # DF2-2428PCF
Description  2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF2-2428PCF Datasheet(HTML) 4 Page - Hirose Electric

  DF2-2428PCF Datasheet HTML 1Page - Hirose Electric DF2-2428PCF Datasheet HTML 2Page - Hirose Electric DF2-2428PCF Datasheet HTML 3Page - Hirose Electric DF2-2428PCF Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B135
BPrecautions
1. Recommended Soldering Condition
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
sAfter the soldering process, if a load is applied to the cable in the state where the connector
and the cable contains heat, the cable jacket holding members are apt to be loosened.
Therefore, the post-soldering process should be carried out after the connector temperature
returns to the room temperature.
2. Cleaning Condition
Refer to Nylon Connector Use Hand book.
Don't use such a solvent as trichloroethane which degrades the cable jacket.
In addition, avoid heat cleaning with such a solvent.
3. Connection Condition
Refer to Nylon Connector Use Hand book.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com