Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1E-30SCF Datasheet(PDF) 13 Page - Hirose Electric

Part # DF1E-30SCF
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-30SCF Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF1E-30SCF Datasheet HTML 8Page - Hirose Electric DF1E-30SCF Datasheet HTML 9Page - Hirose Electric DF1E-30SCF Datasheet HTML 10Page - Hirose Electric DF1E-30SCF Datasheet HTML 11Page - Hirose Electric DF1E-30SCF Datasheet HTML 12Page - Hirose Electric DF1E-30SCF Datasheet HTML 13Page - Hirose Electric DF1E-30SCF Datasheet HTML 14Page - Hirose Electric DF1E-30SCF Datasheet HTML 15Page - Hirose Electric DF1E-30SCF Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
B128
sSocket Crimping Contact
Part Number
DF1E – 2022SCF
DF1E – 2022SC
DF1B – 2022SCF
DF1B – 2022SC
DF1B – 2428SCF
DF1B – 2428SC
DF1B – 30SCF
DF1B – 30SC
541 – 0999 – 5
541 – 1000 – 2
541 – 0223 – 1
541 – 0224 – 4
541 – 0678 – 1
541 – 0679 – 4
541 – 0682 – 9
541 – 0683 – 1
20
22
20
22
24
28
30
AWG # 20
AWG # 22
AWG # 20
AWG # 22
AWG # 24
AWG # 28
AWG # 30
1.2 to 1.9mm
1.2 to 1.9mm
0.9 to 1.5mm
0.6 to 1.2mm
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
10,000
100
10,000
100
10,000
100
10,000
100
Applicable
Cable Indication
Applicable Cable
AWG
Jacket Diameter
CL No.
Packaging
Type
Quantity
q Crimping Contact Extraction Tool DF-C-PO(B)
AWG # 20 (21 cores./0.18mm)
AWG # 22 (17 cores./0.16mm)
AWG # 24 (11 cores./0.16mm)
AWG # 26 (07 cores./0.16mm)
AWG # 28 (07 cores./0.127mm)
AWG # 30 (07 cores./0.1mm)
Conductor Size (Wire construction)
qApplicable Cable (Tin plating annealed copper wire)
qRecommended Cable
UL1061, UL1007
qStrip Length
2.0mm to 2.5mm
Note : If other cables are used instead of the applicable
cable, consult Hirose sales department.
qDF1E-2022SCF
qDF1B - * * * * SCF
1.95
Applicable cable indicated
1.95
1.4
0.83
1.75
0.55
0.975
1.75
Applicable cable indicated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com