Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1E-30SCF Datasheet(PDF) 3 Page - Hirose Electric

Part # DF1E-30SCF
Description  2.5mm Pitch Connector for Full Lock and Discrete Wire Connection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF1E-30SCF Datasheet(HTML) 3 Page - Hirose Electric

  DF1E-30SCF Datasheet HTML 1Page - Hirose Electric DF1E-30SCF Datasheet HTML 2Page - Hirose Electric DF1E-30SCF Datasheet HTML 3Page - Hirose Electric DF1E-30SCF Datasheet HTML 4Page - Hirose Electric DF1E-30SCF Datasheet HTML 5Page - Hirose Electric DF1E-30SCF Datasheet HTML 6Page - Hirose Electric DF1E-30SCF Datasheet HTML 7Page - Hirose Electric DF1E-30SCF Datasheet HTML 8Page - Hirose Electric DF1E-30SCF Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
B118
sOrdering Information
DF 1E C - * P - 2.5 DSA
qw
r
et
y
u
y
qPin Header
q Series Name : DF
w Series No. : 1E
e Hold Types
r Number of Contacts : 2 to 15 contacts
t Connector Type
P : Pin Header
y Contact Pitch : 2.5mm
u Form type
DSA : Straight through hole
DS : Right Angle Type
C
Standard Product
With Boss
Without Boss
G
Potting
With Boss
Without Boss
Note 1 : The right angle pin header has no symbol.
Note 2 : The potting header has 2 to 10 contacts.
Note 1 : When the retainer is used, use DF1E-2022SC(F), DF1B-
2428SC(F), and DF1B-30SC(F) contacts.
Note 1 : When no retainer is used, all DF1B-**SC(F) and DF1E-
2022SC(F) contacts can be used.
DF 1E - * S - 2.5 C
qw
r
ey
t
qSocket
q Series Name : DF
w Series No. : 1E
e Number of Contacts : 2 to 15 contacts
r Connector type
S: Socket
t Contact Pitch : 2.5mm
y Form Type
C : Crimping socket
DF 1E - * RS/P - 2.5
qw
et
r
qRetainer
q Series Name : DF
w Series No. : 1E
e Number of Contacts : 2 to 10 contacts
r Connector Type
RS/P : Retainer
Commonly used for socket and in-line plug
t Contacts Pitch:2.5mm
DF 1E A - * EP - 2.5 C
qw
r
eu
t
qIn-line Plug
q Series Name : DF
w Series No. : 1E
e In-line Plug type
Blank: With Panel mount Lock
A : Without Panel mount Lock
r Number of Contacts : 2 to 10 contacts
t EP : In-line plug
y Contact Pitch : 2.5mm
u Form Type
C : Crimping socket
DF 1E - ** SCF
qw
e
r
qCrimping Contact
q Series Name : DF
w Series No.
:
Socket side
: 1B (Note 1)
1E (Note 1)
Plug side
: 1E
e Applicable Cable Size
2022 : AWG#20 to #22
2428 : WG#24 to #28
30
: AWG#30
r Packaging Type
SCF : Female contact : Reel
SF
: Female contact : Bag
PCF : Male contact : Reel
PC
: Male contact : Bag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com