Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6743CPTP2 Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 78Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 79Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 80Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 81Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 82Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 83Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 84Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 85Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
6.14 Ethernet Media Access Controller (EMAC)
The Ethernet Media Access Controller (EMAC) provides an efficient interface between C6743 and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbits/second (Mbps) and 100 Mbps
in either half- or full-duplex mode, with hardware flow control and quality of service (QOS) support.
The EMAC controls the flow of packet data from the C6743 device to the PHY. The MDIO module controls
PHY configuration and status monitoring.
Both the EMAC and the MDIO modules interface to the C6743 device through a custom interface that
allows efficient data transmission and reception. This custom interface is referred to as the EMAC control
module, and is considered integral to the EMAC/MDIO peripheral. The control module is also used to
multiplex and control interrupts. See the TMS320C674x/OMAP-L1x Processor Peripherals Overview
Reference Guide(SPRUFK9) for more details.
6.14.1
EMAC Peripheral Register Description(s)
Table 6-30. Ethernet Media Access Controller (EMAC) Registers
BYTE ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
0x01E2 3000
TXREV
Transmit Revision Register
0x01E2 3004
TXCONTROL
Transmit Control Register
0x01E2 3008
TXTEARDOWN
Transmit Teardown Register
0x01E2 3010
RXREV
Receive Revision Register
0x01E2 3014
RXCONTROL
Receive Control Register
0x01E2 3018
RXTEARDOWN
Receive Teardown Register
0x01E2 3080
TXINTSTATRAW
Transmit Interrupt Status (Unmasked) Register
0x01E2 3084
TXINTSTATMASKED
Transmit Interrupt Status (Masked) Register
0x01E2 3088
TXINTMASKSET
Transmit Interrupt Mask Set Register
0x01E2 308C
TXINTMASKCLEAR
Transmit Interrupt Clear Register
0x01E2 3090
MACINVECTOR
MAC Input Vector Register
0x01E2 3094
MACEOIVECTOR
MAC End Of Interrupt Vector Register
0x01E2 30A0
RXINTSTATRAW
Receive Interrupt Status (Unmasked) Register
0x01E2 30A4
RXINTSTATMASKED
Receive Interrupt Status (Masked) Register
0x01E2 30A8
RXINTMASKSET
Receive Interrupt Mask Set Register
0x01E2 30AC
RXINTMASKCLEAR
Receive Interrupt Mask Clear Register
0x01E2 30B0
MACINTSTATRAW
MAC Interrupt Status (Unmasked) Register
0x01E2 30B4
MACINTSTATMASKED
MAC Interrupt Status (Masked) Register
0x01E2 30B8
MACINTMASKSET
MAC Interrupt Mask Set Register
0x01E2 30BC
MACINTMASKCLEAR
MAC Interrupt Mask Clear Register
0x01E2 3100
RXMBPENABLE
Receive Multicast/Broadcast/Promiscuous Channel Enable Register
0x01E2 3104
RXUNICASTSET
Receive Unicast Enable Set Register
0x01E2 3108
RXUNICASTCLEAR
Receive Unicast Clear Register
0x01E2 310C
RXMAXLEN
Receive Maximum Length Register
0x01E2 3110
RXBUFFEROFFSET
Receive Buffer Offset Register
0x01E2 3114
RXFILTERLOWTHRESH
Receive Filter Low Priority Frame Threshold Register
0x01E2 3120
RX0FLOWTHRESH
Receive Channel 0 Flow Control Threshold Register
0x01E2 3124
RX1FLOWTHRESH
Receive Channel 1 Flow Control Threshold Register
0x01E2 3128
RX2FLOWTHRESH
Receive Channel 2 Flow Control Threshold Register
0x01E2 312C
RX3FLOWTHRESH
Receive Channel 3 Flow Control Threshold Register
0x01E2 3130
RX4FLOWTHRESH
Receive Channel 4 Flow Control Threshold Register
0x01E2 3134
RX5FLOWTHRESH
Receive Channel 5 Flow Control Threshold Register
0x01E2 3138
RX6FLOWTHRESH
Receive Channel 6 Flow Control Threshold Register
82
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com