Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6743CPTP2 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 10Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 11Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 12Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 13Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 14Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 15Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 16Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 17Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 3-2. C674x L1/L2 Memory Protection Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
L2 memory protection page attribute register 3
0x0184 A20C
L2MPPA3
(controls memory address 0x0080 6000 - 0x0080 7FFF)
L2 memory protection page attribute register 4
0x0184 A210
L2MPPA4
(controls memory address 0x0080 8000 - 0x0080 9FFF)
L2 memory protection page attribute register 5
0x0184 A214
L2MPPA5
(controls memory address 0x0080 A000 - 0x0080 BFFF)
L2 memory protection page attribute register 6
0x0184 A218
L2MPPA6
(controls memory address 0x0080 C000 - 0x0080 DFFF)
L2 memory protection page attribute register 7
0x0184 A21C
L2MPPA7
(controls memory address 0x0080 E000 - 0x0080 FFFF)
L2 memory protection page attribute register 8
0x0184 A220
L2MPPA8
(controls memory address 0x0081 0000 - 0x0081 1FFF)
L2 memory protection page attribute register 9
0x0184 A224
L2MPPA9
(controls memory address 0x0081 2000 - 0x0081 3FFF)
L2 memory protection page attribute register 10
0x0184 A228
L2MPPA10
(controls memory address 0x0081 4000 - 0x0081 5FFF)
L2 memory protection page attribute register 11
0x0184 A22C
L2MPPA11
(controls memory address 0x0081 6000 - 0x0081 7FFF)
L2 memory protection page attribute register 12
0x0184 A230
L2MPPA12
(controls memory address 0x0081 8000 - 0x0081 9FFF)
L2 memory protection page attribute register 13
0x0184 A234
L2MPPA13
(controls memory address 0x0081 A000 - 0x0081 BFFF)
L2 memory protection page attribute register 14
0x0184 A238
L2MPPA14
(controls memory address 0x0081 C000 - 0x0081 DFFF)
L2 memory protection page attribute register 15
0x0184 A23C
L2MPPA15
(controls memory address 0x0081 E000 - 0x0081 FFFF)
L2 memory protection page attribute register 16
0x0184 A240
L2MPPA16
(controls memory address 0x0082 0000 - 0x0082 1FFF)
L2 memory protection page attribute register 17
0x0184 A244
L2MPPA17
(controls memory address 0x0082 2000 - 0x0082 3FFF)
L2 memory protection page attribute register 18
0x0184 A248
L2MPPA18
(controls memory address 0x0082 4000 - 0x0082 5FFF)
L2 memory protection page attribute register 19
0x0184 A24C
L2MPPA19
(controls memory address 0x0082 6000 - 0x0082 7FFF)
L2 memory protection page attribute register 20
0x0184 A250
L2MPPA20
(controls memory address 0x0082 8000 - 0x0082 9FFF)
L2 memory protection page attribute register 21
0x0184 A254
L2MPPA21
(controls memory address 0x0082 A000 - 0x0082 BFFF)
L2 memory protection page attribute register 22
0x0184 A258
L2MPPA22
(controls memory address 0x0082 C000 - 0x0082 DFFF)
L2 memory protection page attribute register 23
0x0184 A25C
L2MPPA23
(controls memory address 0x0082 E000 - 0x0082 FFFF)
L2 memory protection page attribute register 24
0x0184 A260
L2MPPA24
(controls memory address 0x0083 0000 - 0x0083 1FFF)
L2 memory protection page attribute register 25
0x0184 A264
L2MPPA25
(controls memory address 0x0083 2000 - 0x0083 3FFF)
L2 memory protection page attribute register 26
0x0184 A268
L2MPPA26
(controls memory address 0x0083 4000 - 0x0083 5FFF)
L2 memory protection page attribute register 27
0x0184 A26C
L2MPPA27
(controls memory address 0x0083 6000 - 0x0083 7FFF)
L2 memory protection page attribute register 28
0x0184 A270
L2MPPA28
(controls memory address 0x0083 8000 - 0x0083 9FFF)
L2 memory protection page attribute register 29
0x0184 A274
L2MPPA29
(controls memory address 0x0083 A000 - 0x0083 BFFF)
L2 memory protection page attribute register 30
0x0184 A278
L2MPPA30
(controls memory address 0x0083 C000 - 0x0083 DFFF)
14
Device Overview
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com