Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6743DPTP2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6743DPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743DPTP2 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6743DPTP2 Datasheet HTML 1Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 2Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 3Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 4Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 5Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 6Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 7Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
1.3
Description
The C6743 device is a low-power digital signal processor based on C674x DSP core. The device
consumes significantly lower power than other members of the TMS320C6000™ platform of DSPs.
The C6743 device enables original-equipment manufacturers (OEMs) and original-design manufacturers
(ODMs) to quickly bring to market devices featuring high processing performance.
The C6743 DSP core uses a two-level cache-based architecture. The Level 1 program cache (L1P) is a
32-KB direct mapped cache and the Level 1 data cache (L1D) is a 32-KB 2-way set-associative cache.
The Level 2 program cache (L2P) consists of a 128-KB of memory space that is shared between program
and data space. L2 memory can be configured as mapped memory, cache, or combinations of the two.
The peripheral set includes: a 10/100 Mbps Ethernet MAC (EMAC) with a management data input/output
(MDIO) module; two I2C Bus interfaces; two multichannel audio serial ports (McASPs) with 14/9 serializers
and FIFO buffers; two 64-bit general-purpose timers each configurable (one configurable as watchdog); up
to 8 banks of 16 pins of general-purpose input/output (GPIO) with programmable interrupt/event
generation modes, multiplexed with other peripherals; two UART interfaces (one with both RTS and CTS);
three enhanced high-resolution pulse width modulator (eHRPWM) peripherals; three 32-bit enhanced
capture (eCAP) module peripherals which can be configured as 3 capture inputs or 3 auxiliary pulse width
modulator (APWM) outputs; two 32-bit enhanced quadrature encoded pulse (eQEP) peripherals; and 2
external memory interfaces (EMIFs): an asynchronous external memory interface (EMIFA) for slower
memories or peripherals, and a higher speed memory interface (EMIFB) for SDRAM.
The Ethernet Media Access Controller (EMAC) provides an efficient interface between the C6743 and the
network. The EMAC supports both 10Base-T and 100Base-TX, or 10 Mbps and 100 Mbps in either half-
or full-duplex mode. Additionally, an MDIO interface is available for PHY configuration.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each of the peripherals, see the related sections later in this document
and the associated peripheral reference guides.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320C6743
BGA (256)
17.00 mm x 17.00 mm
TMS320C6743
HLQFP (176)
24.00 mm x 24.00 mm
(1)
For more information on these devices, see Section 8, Mechanical Packaging and Orderable
Information.
Copyright © 2009–2014, Texas Instruments Incorporated
TMS320C6743 Fixed- and Floating-Point Digital Signal Processor
3
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com