Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6743DPTP2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6743DPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743DPTP2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6743DPTP2 Datasheet HTML 9Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 10Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 11Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 12Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 13Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 14Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 15Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 16Page - Texas Instruments TMS320C6743DPTP2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
Table 3-1. C674x Cache Registers (continued)
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x0184 4038
-
Reserved
0x0184 4040
L1DWBAR
L1D Block Writeback
0x0184 4044
L1DWWC
L1D Block Writeback
0x0184 4048
L1DIBAR
L1D invalidate base address register
0x0184 404C
L1DIWC
L1D invalidate word count register
0x0184 4050 - 0x0184 4FFF
-
Reserved
0x0184 5000
L2WB
L2 writeback all register
0x0184 5004
L2WBINV
L2 writeback invalidate all register
0x0184 5008
L2INV
L2 Global Invalidate without writeback
0x0184 500C - 0x0184 5027
-
Reserved
0x0184 5028
L1PINV
L1P Global Invalidate
0x0184 502C - 0x0184 5039
-
Reserved
0x0184 5040
L1DWB
L1D Global Writeback
0x0184 5044
L1DWBINV
L1D Global Writeback with Invalidate
0x0184 5048
L1DINV
L1D Global Invalidate without writeback
0x0184 8000 – 0x0184 80FF
MAR0 - MAR63
Reserved 0x0000 0000 – 0x3FFF FFFF
0x0184 8100 – 0x0184 817F
MAR64 – MAR95
Reserved 0x4000 0000 – 0x5FFF FFFF
Memory Attribute Registers for EMIFA Async Data (CS2) 0x6000 0000 –
0x0184 8180 – 0x0184 8187
MAR96 - MAR97
0x61FF FFFF
Memory Attribute Registers for EMIFA Async Data (CS3) 0x6200 0000 –
0x0184 8188 – 0x0184 818F
MAR98 – MAR99
0x63FF FFFF
0x0184 8190 – 0x0184 8197
MAR100 – MAR101
Reserved 0x6400 0000 – 0x65FF FFFF
0x0184 8198 – 0x0184 819F
MAR102 – MAR103
Reserved 0x6600 0000 – 0x67FF FFFF
0x0184 81A0 – 0x0184 81FF
MAR104 – MAR127
Reserved 0x6800 0000 – 0x7FFF FFFF
0x0184 8200
MAR128
Reserved 0x8000 0000 – 0x81FF FFFF
0x0184 8204 – 0x0184 82FF
MAR129 – MAR191
Reserved 0x8200 0000 – 0xBFFF FFFF
Memory Attribute Registers for EMIFB SDRAM Data (CS0) 0xC000
0x0184 8300 – 0x0184 837F
MAR192 – MAR223
0000 – 0xDFFF FFFF
0x0184 8380 – 0x0184 83FF
MAR224 – MAR255
Reserved 0xE000 0000 – 0xFFFF FFFF
Table 3-2. C674x L1/L2 Memory Protection Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
0x0184 A000
L2MPFAR
L2 memory protection fault address register
0x0184 A004
L2MPFSR
L2 memory protection fault status register
0x0184 A008
L2MPFCR
L2 memory protection fault command register
0x0184 A00C - 0x0184 A0FF
-
Reserved
0x0184 A100
L2MPLK0
L2 memory protection lock key bits [31:0]
0x0184 A104
L2MPLK1
L2 memory protection lock key bits [63:32]
0x0184 A108
L2MPLK2
L2 memory protection lock key bits [95:64]
0x0184 A10C
L2MPLK3
L2 memory protection lock key bits [127:96]
0x0184 A110
L2MPLKCMD
L2 memory protection lock key command register
0x0184 A114
L2MPLKSTAT
L2 memory protection lock key status register
0x0184 A118 - 0x0184 A1FF
-
Reserved
L2 memory protection page attribute register 0
0x0184 A200
L2MPPA0
(controls memory address 0x0080 0000 - 0x0080 1FFF)
L2 memory protection page attribute register 1
0x0184 A204
L2MPPA1
(controls memory address 0x0080 2000 - 0x0080 3FFF)
L2 memory protection page attribute register 2
0x0184 A208
L2MPPA2
(controls memory address 0x0080 4000 - 0x0080 5FFF)
Copyright © 2009–2014, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com