Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF7-2DP-3.96DSA Datasheet(PDF) 13 Page - Hirose Electric

Part # DF7-2DP-3.96DSA
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-2DP-3.96DSA Datasheet(HTML) 13 Page - Hirose Electric

Back Button DF7-2DP-3.96DSA Datasheet HTML 8Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 9Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 10Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 11Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 12Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 13Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 14Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 15Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
s Crimp Contact
Ø2
2.4
P=11
t=0.25
2.35
AWG No.
16
18
2.5
1.3
P=11
0.64
t=0.25
Ø2
AWG No.
0.8
16
18
q Female Contact
q Male Contact
q Applicable cable (Tin plated annealed copper wire)
s Tools
CL680-0001-0
CL680-0002-3
CL680-0003-6
CL680-0004-9
CL680-0179-2
CL680-0180-1
CL680-0005-1
CL680-0006-4
CL680-0007-7
CL680-0008-0
CL680-0181-4
CL680-0182-7
DF7-1618SCF
DF7-1618SC
DF7-2022SCF
DF7-2022SC
DF7-2426SCF
DF7-2426SC
DF7-1618PCF
DF7-1618PC
DF7-2022PCF
DF7-2022PC
DF7-2426PCF
DF7-2426PC
3,000
100
3,000
100
3,000
100
3,000
100
3,000
100
3,000
100
Tin plating
CL No.
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Reel
Bag
Part Number
Packaging
Quantity
Finish
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
AWG#24(11/0.16mm)
AWG#26(7/0.16mm)
AWG#16(26/0.254mm)
AWG#18(34/0.18mm)
AWG#20(21/0.18mm)
AWG#22(17/0.16mm)
UL1007
UL1015
Wire size(Stranded wire conductor)
2.1 to 2.5mm
1.6 to 1.9mm
1.3 to 1.45mm
2.9 to 3.2mm
2.4 to 2.7mm
UL style
Jacket diameter
Note 1: When using other than the recommended wire, contact your nearest Hirose representative.
Note 2: Strip length: 3.0 to 3.8mm.
Manual
Automatic
CL901-0005-4
CL901-4554-4
CL901-4553-1
CL901-4587-3
CL550-0268-0
CL550-0269-3
CL550-0293-8
CM-105
AP105-DF7-1618
AP105-DF7-2022
AP105-DF7-2426
HT104/DF7-1618
HT104/DF7-2022
HT104/DF7-2426
Type
Press unit
Crimp tools
Applicator
----------------
DF7-1618SCF/DF7-1618PCF
DF7-2022SCF/DF7-2022PCF
DF7-2426SCF/DF7-2426PCF
DF7-1618SC/DF7-1618PC
DF7-2022SC/DF7-2022PC
DF7-2426SC/DF7-2426PC
CL No.
Part Number
Applicable Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com