Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF7-2DP-3.96DSA Datasheet(PDF) 15 Page - Hirose Electric

Part # DF7-2DP-3.96DSA
Description  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and TUV Listed)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF7-2DP-3.96DSA Datasheet(HTML) 15 Page - Hirose Electric

Back Button DF7-2DP-3.96DSA Datasheet HTML 8Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 9Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 10Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 11Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 12Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 13Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 14Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 15Page - Hirose Electric DF7-2DP-3.96DSA Datasheet HTML 16Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
B Mating Dimensions
q Socket to Straight Header Connection
q Socket to Straight Header Connection (Double-row)
DF7_
*P_3.96DSA
DF7_
*S_3.96C
10
11.25
DF7_
*P_3.96DSA
DF7_
*RS/P_3.96
DF7E_
*S_3.96C
DF7_
*DP_3.96DSA
DF7A_
*DS_3.96C
(17.7)
q Socket to Right angle Header Connection (Double-row)
(28.1)
DF7A_
*DS_3.96C
DF7_
*DP_3.96DS
q Socket to Right angle Header Connection
DF7_
*P_3.96DS
25.1
23.6
26.6
DF7_
*S_3.96C
DF7_
*RS/P_3.96
DF7_
*P_3.96DS
DF7_
*P_3.96DS
DF7E_
*S_3.96C
1 pos.
DF7-*S-3.96C
DF7E-*S-3.96C
18.5
20.0
18.5
9.0
----------------
08.5
21.5
09.0
20.3
2 to 12 pos.
2 to 12 pos.
A
B
C
Note: DF7-1P-3.96DSA can be mounted to boards which have eyelets attached.
q Socket to In-line plug (Panel mount type) Connection
DF7_*EP_3.96C
DF7_*S_3.96C
DF7_*RS/P_3.96
E
D
1 pos.
35.1
37.0
34.0
32.1
2 to 10 pos.
D
E
q Socket to In-line plug Connection
DF7_*EP_3.96C
DF7_*S_3.96C
DF7_*RS/P_3.96
G
F
1 pos.
35.1
37.0
34.0
32.1
2 to 10 pos.
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com