Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS17 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CMS17
Description  TOSHIBA Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS17 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CMS17_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CMS17
2013-11-01
2
Marking
Abbreviation Code
Part No.
SG
CMS17
Standard Soldering Pad
Handling Precaution
1) Schottky barrier diodes have reverse current characteristics compared to other diodes. SBDs can cause thermal
runaway when used under high temperature or high voltage conditions. Be sure to take forward and reverse
loss into consideration during design.
2) The absolute maximum ratings denote the absolute maximum ratings, which are rated values that must not be
exceeded during operation, even for an instant. The following are the general derating methods that we
recommend for designing a circuit incorporating this device.
VRRM: Use this rating with reference to (1) above. VRRM has a temperature coefficient of 0.1%/°C. Take
this temperature coefficient into account when designing a device for operation at low
temperature.
IF (AV): We recommend that the worst case current be no greater than 80% of the absolute maximum
rating of
IF (AV) and that Tj be below 120°C. When using this device, take the margin into consideration by
using an allowable Tamax-IF (AV) curve.
IFSM: This rating specifies the nonrepetitive peak current. This is applied only for abnormal operation,
which seldom occurs during the lifespan of the device.
Tj:
Derate this rating when using the device to ensure high reliability.
We recommend that the device be used at a Tj of below 120°C.
3) Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the
device. When using the device, design the circuit board and soldering land size to match the appropriate
thermal resistance value.
4) Refer to the Rectifiers databook for further information.
3.0
1.4
Unit: mm
1.4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com