Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS17 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMS17
Description  TOSHIBA Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS17 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMS17_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS17_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMS17
2013-11-01
3
Instantaneous forward voltage vF
(V)
iF – vF
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
0.0
0
0.2
1.2
0.8
1.2
2.0
3.2
0.4
0.8
0.4
1.6
0.6
α = 60°
120°
DC
180°
1.0
0.0
0
40
160
0.8
1.2
2.0
3.2
20
60
120
100
0.4
1.6
80
α = 60°
120°
DC
180°
140
0.0
0
40
160
0.8
1.2
2.0
3.2
20
60
120
100
0.4
1.6
80
α = 60°
120°
DC
180°
140
2.4
2.8
2.4
2.8
2.4
2.8
10
0
0.3
0.1
0.2
0.8
0.6
0.4
0.5
0.7
1
0.1
0.01
0.3
0.03
3
Tj = 150°C
75°C
25°C
125°C
Pulse test
360°
0°
Rectangular
waveform
α
Conduction angle
α
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
soldering land:
2 mm
× 2 mm
board thickness:
0.64 t
360°
0°
α
VR = 15 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
360°
0°
α
VR = 15 V
IF (AV)
Conduction
angle
α
Rectangular
waveform
Time t (s)
rth (j-a) – t
1000
1
100
10
0.001
1000
0.01
0.1
100
10
1
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
board thickness: 1.6 t
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t
3
5
30
50
300
500
0.003
0.03
0.3
3
30
300



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com