Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-28DP-2R26 Datasheet(PDF) 11 Page - Hirose Electric

Part # DF11-28DP-2R26
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-28DP-2R26 Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF11-28DP-2R26 Datasheet HTML 4Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 5Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 6Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 7Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 8Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 9Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 10Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 11Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
A276
sCrimping Contact for Socket
qApplicable Wire (Tin Plated Annealed
Copper Wire)
AWG 22 (17pcs./0.16mm)
AWG 24 (11pcs./0.16mm)
AWG 26 (7pcs./0.16mm)
AWG 28 (7pcs./0.127mm)
AWG 30 (7pcs./0.1mm)
Ø1.2 to Ø1.45mm
Ø0.9 to Ø1.45mm
Ø0.75 to Ø1.2mm
Jacket Diameter
Conductor Size (Wire Structure)
sCrimping Contact for In-line Plug
Note1: If other wires are used than the applicable wire, consult the HRS sales department.
Note2: DF11-22SCF/SC/SCFA/SCA is for UL1061.
qRecommended Wire
UL1061, UL1007 (Note 2.)
qStrip Length
1.7 to 2.3mm
Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears
no respoisibility for any trouble.
BApplicable Crimping Tool
Note1: DF11A-2428SCF/SC is of tin plated low insertion/extraction type.
Part Number
CL No.
DF11-22SCF
DF11-22SC
DF11-2428SCF
DF11-2428SC
DF11A-2428SCF
DF11A-2428SC
DF11-30SCF
DF11-30SC
DF11-22SCFA
DF11-22SCA
DF11-2428SCFA
DF11-2428SCA
DF11-30SCFA
DF11-30SCA
543-0601-0
543-0602-2
543-0500-2
543-0501-5
543-0634-9
543-0635-1
543-0605-0
543-0606-3
543-0603-5
543-0604-8
543-0550-0
543-0551-3
543-0607-6
543-0608-9
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
Type
Quantity
Tin plated
Gold plated
Finish
Part Number
Type
CL No.
AP105-DF11-22S
AP105-DF11-2428S
AP105-DF11-30S
AP105-DF11-EP2428P
CM-105
DF11-TA22HC
DF11-TA2428HC
DF11-TA30HC
DF11EP-TA2428HC
DF-C-PO(B)
Applicator
Press Unit
Hand Crimping Tool
Extraction Tool
901-4529-7
901-4511-1
901-4532-1
901-4528-4
901-0005-4
550-0228-6
550-0197-4
550-0230-8
550-0227-3
550-0179-2
DF11A-22SCF/SCFA
DF11A-2428SCF/SCFA
DF11A-2428SCF
DF11A-30SCF/SCFA
DF11A-EP2428PCF/PCFA
–––––––––––––––––––
DF11A-22SC/SCA
DF11A-2428SC/SCA
DF11A-2428SC
DF11A-30SC/SCA
DF11A-EP2428PC/PCA
DF11A-****SCF
DF11A-EP****PCF
Applicable Contact
Part Number
CL No.
DF11EP2428PCF
DF11EP2428PC
DF11EP2428PCFA
DF11-EP2428PCA
543-0615-4
543-0616-7
543-0617-0
543-0618-2
Reel contact
Bulk contact
Reel contact
Bulk contact
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
Type
Quantity
Tin plated
Gold plated
Finish
qApplicable Wire (Tin Plated Annealed
Copper Wire)
AWG 24 (11pcs./0.16mm)
AWG 26 (7pcs./0.16mm)
AWG 28 (7pcs./0.127mm)
Ø0.9 to Ø1.45mm
Jacket Diameter
Conductor Size (Contact Wire Structure)
Note1: If other wires are used than the applicable wire, consult the HRS sales department.
qRecommended Wire
UL1061, UL1007
qStrip Length
1.9 to 2.3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com