Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF11-28DP-2R26 Datasheet(PDF) 12 Page - Hirose Electric

Part # DF11-28DP-2R26
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-28DP-2R26 Datasheet(HTML) 12 Page - Hirose Electric

Back Button DF11-28DP-2R26 Datasheet HTML 4Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 5Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 6Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 7Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 8Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 9Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 10Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 11Page - Hirose Electric DF11-28DP-2R26 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
A277
1. Recommended Temperature Profile (SMT)
2. Recommended Manual Soldering Condition (SMT)
3. Recommended Screen Thickness (SMT)
4. Board Warp age (SMT)
5. Recommended Soldering Condition(Through hole)
6. Cleaning Condition
7. Connection Condition
Note1: Maximum twice action is allowed under the same condition. However, the interval between
first and second actions must be maintained at the room temperature.
Note2: The temperature indicates the board surface temperature in the connector lead area.
Soldering iron temperature: 290±10ç, Soldering time: Within 2 seconds
0.15 to 0.2mm
Based on the both connector edges, 0.03mm max. is allowed in the connector center area.
Flow: 250ç for 3 seconds
Manual soldering: 290ç for 2 seconds
Refer to the "Nylon Connector Use Hand book".
Refer to the "Nylon Connector Use Hand book".
BApplication Pattern
BPrecautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com