Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-TM-R1 Datasheet(PDF) 1 Page - Hirose Electric

Part # HSC2-TM-R1
Description  Optical Terminators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-TM-R1 Datasheet(HTML) 1 Page - Hirose Electric

  HSC2-TM-R1 Datasheet HTML 1Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 2Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 3Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
83
Optical Terminators
sFeatures
1. Excellent operational qualities
2. Wide varieties of HRS terminatiors
3. Dual wavelength : 1310nm and 1550nm for MU terminators
4. Please contact us if you have any requests. Hirose will offer excellent solutions to meet
your requirements
sApplications
Termination of open ends in optical fiber communication networks.


Similar Part No. - HSC2-TM-R1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC2-4A HIROSE-HSC2-4A Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
HSC2-4A HIROSE-HSC2-4A Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
HSC2-4A-D1 HIROSE-HSC2-4A-D1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
HSC2-4A-D1 HIROSE-HSC2-4A-D1 Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
HSC2-4SR-1 HIROSE-HSC2-4SR-1 Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
More results

Similar Description - HSC2-TM-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
73007 VISHAY-73007 Datasheet
86Kb / 10P
9-Line SCSI Bus Terminators
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
14-Line SCSI Bus Terminators
11-Oct-04
SIP5678 VISHAY-SIP5678 Datasheet
117Kb / 11P
15-Line SCSI Bus Terminators
11-Oct-04
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
High Power, High Frequency Terminators
HFR-RFRF10LF-C50OHMF000 IRCTT-HFR-RFRF10LF-C50OHMF000 Datasheet
389Kb / 3P
Flanged RF Power Terminators
HFR-RFT010110-C50OHMFZ00 IRCTT-HFR-RFT010110-C50OHMFZ00 Datasheet
237Kb / 3P
High Power Flanged RF Terminators
logo
Tyco Electronics
358733-000 MACOM-358733-000 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
logo
RHOPOINT COMPONENTS
PCS1632S-50T RHOPOINT-PCS1632S-50T Datasheet
154Kb / 3P
FIXED CHIP TERMINATORS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
HIGH POWER TERMINATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com