Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSC2-TM-R1 Datasheet(PDF) 4 Page - Hirose Electric

Part # HSC2-TM-R1
Description  Optical Terminators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC2-TM-R1 Datasheet(HTML) 4 Page - Hirose Electric

  HSC2-TM-R1 Datasheet HTML 1Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 2Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 3Page - Hirose Electric HSC2-TM-R1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
86
qFC
sReceptacle
qSC
qSC- Tool Insertion/Removal
20.2
18.5
9.3
9.3
(23.3)
Part Number
CL No.
Return loss
Max. Input Power
HRFC-TM-P1
821-0006-3
≥45dB
30mW
Part Number
CL No.
Return loss
Max. Input Power
HSC-TM-R1
821-0001-0
≥40dB
10mW
Part Number
CL No.
Return loss
Max. Input Power
HSC2-TM-R1
821-0003-5
≥40dB
10mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com