Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R1 Datasheet(PDF) 7 Page - Hirose Electric

Part # HRFC-R1
Description  FC Type Fiber Optic Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R1 Datasheet(HTML) 7 Page - Hirose Electric

  HRFC-R1 Datasheet HTML 1Page - Hirose Electric HRFC-R1 Datasheet HTML 2Page - Hirose Electric HRFC-R1 Datasheet HTML 3Page - Hirose Electric HRFC-R1 Datasheet HTML 4Page - Hirose Electric HRFC-R1 Datasheet HTML 5Page - Hirose Electric HRFC-R1 Datasheet HTML 6Page - Hirose Electric HRFC-R1 Datasheet HTML 7Page - Hirose Electric HRFC-R1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
53
sConversion adapters
qFC / SC
qFC / SC
sReceptacle
Part Number
CL No.
Split sleeve
HSCJ-HRFCJ-B(51)
704-0021-3-51
Copper alloy
Part Number
HRS No.
Remarks
HRFC-R1
701-0016-4
MM
HRFC-R2
701-0023-0
SM
BPanel Cutout
2--M8∞0.75
Ø9
+0.5
0
13.4±0.1
2--M2∞0.4
13.4
9
21.2
5.5
12.2
3.5
or 2--Ø2.4 +0.2
0
M8∞0.75
5.5
M9.5
M15
4- Ø2.2
3
9
Ø4 Countersink depth 1.5
9.5±0.1
Ø9
+0.5
0
4--M2∞0.4
or 4--Ø2.4 +0.2
0
BPanel Cutout
qFC / SC
M8∞0.75
27.9
21
(1.8)
7.4
9.4
CL No.
Part Number
Polishing type Fiber type
704-0203-0-51
HSCP-HRFCJ-1(51)
PC
GI-50/125
704-0288-3-51
HSCP-HRFCJ-1AS(51)
AdPC
704-0204-3-51
HSCP-HRFCJ-2(51)
PC
SM-9.5/125
704-0289-6-51
HSCP-HRFCJ-2AS(51)
AdPC
Split sleeve
Copper alloy
CL No.
Part Number
Polishing type Fiber type
701-0065-0-51
HRFCP-HSCJ-1(51)
PC
GI-50/125
701-0108-0-51
HRFCP-HSCJ-1AS(51)
AdPC
701-0085-7-51
HRFCP-HSCJ-2(51)
PC
SM-9.5/125
701-0109-3-51
HRFCP-HSCJ-2AS(51)
AdPC
Split sleeve
Copper alloy
13.7
32
(3.9)
12.8
9
Board thiekness : 16mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com