Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R1 Datasheet(PDF) 1 Page - Hirose Electric

Part # HRFC-R1
Description  FC Type Fiber Optic Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R1 Datasheet(HTML) 1 Page - Hirose Electric

  HRFC-R1 Datasheet HTML 1Page - Hirose Electric HRFC-R1 Datasheet HTML 2Page - Hirose Electric HRFC-R1 Datasheet HTML 3Page - Hirose Electric HRFC-R1 Datasheet HTML 4Page - Hirose Electric HRFC-R1 Datasheet HTML 5Page - Hirose Electric HRFC-R1 Datasheet HTML 6Page - Hirose Electric HRFC-R1 Datasheet HTML 7Page - Hirose Electric HRFC-R1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
47
FC Type Fiber Optic Connectors
HRFC Series
sFeatures
1. JIS, IEC standards compliantand and fully intermateable with NTT's FC products.
JIC C 5970 (F01 type fiber optic connectors).
IEC 61754-13
2. Two types of plug frames
Conventional cutout key ring types and molded key ring types are available.
Important Notice
Plug key width : 2.1mm
Adapter key width : 2.2mm
sApplications
Public communications lines, CATV, Test equipment, etc.


Similar Part No. - HRFC-R1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRFC-R1 HIROSE-HRFC-R1 Datasheet
310Kb / 7P
FC Type Fiber Optic Connectors
More results

Similar Description - HRFC-R1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
MU Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
logo
DDK Ltd.
FCN-PD-095-CF DDK-FCN-PD-095-CF Datasheet
365Kb / 6P
FC Type Optical-Fiber Connector
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
SC & FC/PC3 Pull-Proof Fiber Optic Connectors
May-1993
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
SC Fiber Optic Connectors
logo
Hirose Electric
HMU HIROSE-HMU Datasheet
787Kb / 22P
MU Type Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
FC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
ARINC 801 Fiber Optic Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com