Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R2 Datasheet(PDF) 6 Page - Hirose Electric

Part # HRFC-R2
Description  FC Type Fiber Optic Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R2 Datasheet(HTML) 6 Page - Hirose Electric

  HRFC-R2 Datasheet HTML 1Page - Hirose Electric HRFC-R2 Datasheet HTML 2Page - Hirose Electric HRFC-R2 Datasheet HTML 3Page - Hirose Electric HRFC-R2 Datasheet HTML 4Page - Hirose Electric HRFC-R2 Datasheet HTML 5Page - Hirose Electric HRFC-R2 Datasheet HTML 6Page - Hirose Electric HRFC-R2 Datasheet HTML 7Page - Hirose Electric HRFC-R2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
52
sAdapters (Key width 2.2mm)
qSolid Body type
qStandard Body type
qFlange type
qRound type
Part Number
CL No
Mark
Split sleeve
Remarks
HRFC-PA1-G1(02)
701-0014-9-02
FC-AP Copper alloy
HRFC-PA1-D1(02)
701-0089-8-02
FC-AA
Zirconia
(Note)
Part Number
CL No.
Split sleeve
Remarks
HRFC-PA4-G1
701-0068-8
Copper alloy
HRFC-PA4-D1
701-0112-8
Zirconia
(Note)
Part Number
CL No.
Split sleeve
Remarks
HRFC-A2-SF(01)
701-0039-0-01
Copper alloy
HRFC-A2-SF-D1
-----
Zirconia
(Note)
Part Number
CL No.
Split sleeve
Remarks
HRFC-PA11-G1
701-0071-2
Copper alloy
HRFC-PA11-D1
701-0106-5
Zirconia
(Note)
Ø9+0.5
0
13.4±0.1
2--M2∞0.4
or 2--Ø2.4 +0.2
0
9.5
15
Ø2.2
4
15
2--M8∞0.75
Ø4 Countersink depth 1.5
Ø9 +0.5
0
13.4±0.1
2--M2∞0.4
or 2--Ø2.4
+0.2
0
2- Ø2.2
2
15
2--M8∞0.75
2--Ø4 Countersink depth 1.5
15
2−M8×0.75
BPanel Cutout
BPanel Cutout
BPanel Cutout
4
15
9.5
15
Ø2.2
M8∞0.75
M8∞0.75
Ø4
Countersink
depth
1.5
Note:Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to
the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged.
Note:Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to
the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged.
Note:Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to
the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged.
Note:Please take utmost care when inserting FC plug into a FC adapter. When applying excessive force to
the FC plug or inserting in an odd angle, the zirconia sleeve within the adapter might be dameged.
Ø9 +0.5
0
13.4±0.1
Board thiekness : 16mm
Board thiekness : 16mm
+0.2
0
2-M2∞0.4
or 2-Ø2.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com