Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRFC-R2 Datasheet(PDF) 4 Page - Hirose Electric

Part # HRFC-R2
Description  FC Type Fiber Optic Connectors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRFC-R2 Datasheet(HTML) 4 Page - Hirose Electric

  HRFC-R2 Datasheet HTML 1Page - Hirose Electric HRFC-R2 Datasheet HTML 2Page - Hirose Electric HRFC-R2 Datasheet HTML 3Page - Hirose Electric HRFC-R2 Datasheet HTML 4Page - Hirose Electric HRFC-R2 Datasheet HTML 5Page - Hirose Electric HRFC-R2 Datasheet HTML 6Page - Hirose Electric HRFC-R2 Datasheet HTML 7Page - Hirose Electric HRFC-R2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
50
sMolded keying ring type (Key width 2.1mm)
qFor 2mm cable
Part Number
CL No.
Boot color
Polishing type
HRFC-P8-H2(21)
701-0075-3-21
Blue
PC
HRFC-P8-L2(21)
701-0077-9-21
Light purple
AdPC
HRFC-P8-G2(21)
701-2001-8-21
Green
APC
qFor 3mm cable
Part Number
CL No.
Boot color
Polishing type
HRFC-P8-H3(21)
701-0074-0-21
Blue
PC
HRFC-P8-L3(21)
701-0078-1-21
Light purple
AdPC
HRFC-P8-G3(21)
701-2002-0-21
Green
APC
Part Number
CL No.
Boot color
Polishing type
HRFC-P15-H(21)
701-0114-3-21
Blue
PC
HRFC-P15-L(21)
701-0115-6-21
Light purple
AdPC
HRFC-P15-G(21)
701-2004-6-21
Green
APC
qFor 0.9mm fiber
52.8
52.8
30.8
704-0287-0
HSC-T3
HRFC-P8-H2,L2,G2,
HRFC-P8-H3,L3,G3,
sTool
qCrimp tool
Part Number
CL No.
Applicable connector
<Locations>
(1)2mm Jacket crimping: section A
3mm Jacket crimping: section C
(2)KevlarTM crimping: section B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com