Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312W Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # DS312W
Description  Surface MountSchottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

DS312W Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  DS312W Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD DS312W Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD DS312W Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - DS312W

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
DS312W SEMIPOWER-DS312W Datasheet
128Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
DONGGUAN YOU FENG WEI E...
DS312W YFWDIODE-DS312W Datasheet
409Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Rectron Semiconductor
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS312W RECTRON-DS312W Datasheet
311Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
AiT Semiconductor Inc.
DS312W AITSEMI-DS312W Datasheet
564Kb / 5P
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3A
REV1.0
More results

Similar Description - DS312W

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS12F YFWDIODE-SS12F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
SS22F YFWDIODE-SS22F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
SS32F YFWDIODE-SS32F Datasheet
173Kb / 3P
Surface MountSchottky Barrier Rectifier
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL12F YFWDIODE-SSL12F Datasheet
190Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL24F YFWDIODE-SSL24F Datasheet
2Mb / 3P
Surface MountSchottky Barrier Rectifier
SSL34F YFWDIODE-SSL34F Datasheet
89Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
Surface MountSchottky Barrier Rectifier
DS22W YFWDIODE-DS22W Datasheet
81Kb / 3P
Surface MountSchottky Barrier Rectifier
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
Surface MountSchottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com