Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF01-R-1 Datasheet(PDF) 1 Page - Hirose Electric

Part # MRF01-R-1
Description  Push-On Coaxial Connectors (PC Card Type 2 Mountable)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MRF01-R-1 Datasheet(HTML) 1 Page - Hirose Electric

  MRF01-R-1 Datasheet HTML 1Page - Hirose Electric MRF01-R-1 Datasheet HTML 2Page - Hirose Electric MRF01-R-1 Datasheet HTML 3Page - Hirose Electric MRF01-R-1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B27
Push-On Coaxial Connectors (PC Card Type
2
2 Mountable)
MRF01 Series
sFeatures
1. Uses a push-on type system which is easy to
engage and disengage. (There is no lock.)
2. Mountable on PCMCIA Type II Card
The 3 mm receptacle thickness permits mounting to the
back side of a type II card.
Note that at the time of card mounting, use of 0.15mm
offset of the board mounting surface from the card center
line will result in the same card center axis and connector
center axis.
Modem Card Mounting Example
(A special frame kit has not been manufactured.)
Board Mounting Example
Jack Side
sJack
MRF01-J-178
sReceptacle
MRF 01-R-1
sConversion Adapter
(Coupling portion: MRF01 side jack - SMA side jack)
MRF01J-HRMJ
Plug Side
sPlug Receptacle
MRF01-PR-1
sConversion Adapter
(Coupling portion: MRF01 side plug - SMA side jack)
MRF01P-HRMJ
3. High Degree of Matching
These connectors offer high frequency performance from
0 to 3 GHz with a V.S.W.R. of 1.3 or less.
4. Accommodates Ultra-Fine Cable
Suitable cable ...RG-178B/U (Ø1.8)
...RG-196A/U (Ø 2)
sApplications
Wireless LAN cards, GPS cards, and miniature wireless
communications devices.
sFunction Diagrams


Similar Part No. - MRF01-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MRF03 HIROSE-MRF03 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
MRF03-6P-0.8D HIROSE-MRF03-6P-0.8D Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
MRF03-6P-0.8D-2 HIROSE-MRF03-6P-0.8D-2 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
MRF03-6P-1.27 HIROSE-MRF03-6P-1.27 Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
MRF03-6PR-SMT HIROSE-MRF03-6PR-SMT Datasheet
264Kb / 5P
SMT Low-Profile Coaxial Multiple Contact Connectors
More results

Similar Description - MRF01-R-1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MMCX-LP-FHSB HIROSE-MMCX-LP-FHSB Datasheet
188Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
POD1-J-1.5V-C HIROSE-POD1-J-1.5V-C Datasheet
149Kb / 4P
POD1 SERIES PUSH-ON LOCKING MICROMINIATURE COAXIAL CONNECTORS
POD3-J-DFS111 HIROSE-POD3-J-DFS111 Datasheet
99Kb / 4P
Push-Pull Complete Locking Coaxial Connectors (PC Card Type 2 Mountable)
logo
DDK Ltd.
MCX DDK-MCX Datasheet
567Kb / 2P
Low Profile Push-On Coaxial Connectors
logo
Hirose Electric
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
Ultra- Miniature Push-on Lock Coaxial Connectors
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
DDK Ltd.
MCX-LP-1.5DHQS-CR1-1 DDK-MCX-LP-1.5DHQS-CR1-1 Datasheet
568Kb / 2P
Low Profile Push-On Coaxial Connectors
logo
Hirose Electric
MMCX HIROSE-MMCX Datasheet
166Kb / 8P
Ultra Miniature Snap-on Coaxial Connector (PC Card Type 2 Mountable)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com