Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF01-R-1 Datasheet(PDF) 2 Page - Hirose Electric

Part # MRF01-R-1
Description  Push-On Coaxial Connectors (PC Card Type 2 Mountable)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MRF01-R-1 Datasheet(HTML) 2 Page - Hirose Electric

  MRF01-R-1 Datasheet HTML 1Page - Hirose Electric MRF01-R-1 Datasheet HTML 2Page - Hirose Electric MRF01-R-1 Datasheet HTML 3Page - Hirose Electric MRF01-R-1 Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B28
Item
Requirements
Test Conditions
1. Contact resistance
Inner
: 10 m ohms max.
Outer
: 3 m ohms max.
10 mA max.
2. Insulation resistance
5000 M ohms min.
500 V DC
3. Withstanding voltage
No flashover or insulation breakdown.
500 V AC / 1 minute
4. V.S.W.R.(*)
1.3 N max.
DC to 3 GHz
5. Female contact retention
0.137 N min.
Measured with a
Ø 0.381 pin gauge
6. Insertion and withdrawal force (plug) 0.56 N min.
With corresponding connector
7. Durability (Insertion/withdrawal)
Contact resistance: Amount of change 20 m ohms max. 10,000 cycles
12. Hydrogen sulfide gas
Contact resistance: Amount of change 20 m ohms max.
No damage, cracks, or parts looseness.
Leave for 96 hours in an atmosphere of 3ppm concentration
sulfur dioxide gas at temperature of 40°C and humidity of 80%.
13. Salt spray
No marked corrosion
Exposed to density 5% salt water for 48 hours
8. Vibration
No electrical discontinuity of 1µs or more
No damage, cracks, or parts looseness.
Frequency: 10 to 2000 Hz, single amplitude of 0.76 mm or
acceleration of 147 m/s2(peak), 4 hours in each of the 3 directions.
9. Shock
No electrical discontinuity of 1µs or more
No damage, cracks, or parts looseness.
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, 6 cycles in each of the 3 axis
10. Humidity (Steady state)
Insulation resistance: 100 M ohms min.
Contact resistance: Amount of change 20 m ohms max.
No damage, cracks, or parts looseness.
240 hours at temperature of -10ç to 65ç and humidity of
90% to 96%
11. Temperature cycle
No damage, cracks, or parts looseness.
Temperature: -65°C ¡ 20 to 35°C ¡ 125°C ¡ 20 to 35°C
Time:
30 min ¡ Within 5 min ¡ 30 min. ¡ Within 5 min
Cycles:
5
s Product Specifications
sMaterials
Part
Material
Finish
Body
Beryllium copper/Brass
Gold plating
Insulator
PTFE
––––––––
Female inner contact
Beryllium copper
Gold plating
Male inner contact
Phosphor bronze
Gold plating
Crimp sleeve
Copper
Nickel plating
MRF01 – [
]
– [
]
qw
e
q Series name : MRF01
w Connector types
J
: Jack
R
: Receptacle
PR
: Plug receptacle
e Applicable cable or suffix
178: RG-178B/U (
Ø 1.8)
RG-196B/U (
Ø 2)
Network Analyzer
Test Set
Test Port
Test Port Cable
D.U.T
Termination
*Voltage standing wave ratio (V.S.W.R.) measuring system.
The above voltage standing wave ratio (V.S.W.R.) standard value is measured in the measuring system as shown below.
Note1: The cable connector is measured with double ended 10cm cable
assembly.
Note2: The printed circuit board connector is mounted on the 50 ohms PCB, to
which Hirose's adaptor is connected.
sOrdering Information
Ratings
Nominal characteristic impedance
50 ohms
Voltage
150 V AC
Rated Frequency
DC to 3 GHz
Operating temperature
-20°C to +60°C
Operating humidity
95% or less



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com