Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12081 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC12081
Description  12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12081 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC12081 Datasheet HTML 1Page - National Semiconductor (TI) ADC12081 Datasheet HTML 2Page - National Semiconductor (TI) ADC12081 Datasheet HTML 3Page - National Semiconductor (TI) ADC12081 Datasheet HTML 4Page - National Semiconductor (TI) ADC12081 Datasheet HTML 5Page - National Semiconductor (TI) ADC12081 Datasheet HTML 6Page - National Semiconductor (TI) ADC12081 Datasheet HTML 7Page - National Semiconductor (TI) ADC12081 Datasheet HTML 8Page - National Semiconductor (TI) ADC12081 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ADC12081
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
with Internal Sample & Hold
General Description
The ADC12081 is a monolithic CMOS analog-to-digital con-
verter capable of converting analog input signals into 12-bit
digital words at 5 megasamples per second (MSPS). The
ADC12081 utilizes an innovative pipeline architecture to
minimize die size and power consumption. The ADC12081
uses self-calibration and error correction to maintain accu-
racy and performance over temperature.
The ADC12081 converter operates on a 5V power supply
and can digitize analog input signals in the range of 0 to 2V.
A single convert clock controls the conversion operation. All
digital I/O is TTL compatible.
The ADC12081 is designed to minimize external compo-
nents necessary for the analog input interface. An internal
sample-and-hold circuit samples the analog input and an in-
ternal amplifier buffers the reference voltage input.
The ADC12081 is available in the 32-lead TQFP package
and is designed to operate over the extended commercial
temperature range of -40˚C to +85˚C.
Features
n
Single 5V power supply
n
Simple analog input interface
n
Internal Sample-and-hold
n
Internal Reference buffer amplifier
n
Low power consumption
Key Specifications
n
Resolution
12 Bits
n
Conversion Rate
5 Msps (min)
n
DNL
±0.35 LSB (typ)
n
SNR
68 dB (typ)
n
ENOB
10.9 Bits (typ)
n
Analog Input Range
2 Vpp (min)
n
Supply Voltage
+5V ±5%
n
Power Consumption, 5 MHz
105 mW (typ)
Applications
n
Image processing front end
n
PC-based data acquisition
n
Scanners
n
Fax machines
n
Waveform digitizer
Connection Diagram
TRI-STATE® is a registered trademark of National Semiconductor Corporation. CN
DS100150-1
March 2000
© 2000 National Semiconductor Corporation
DS100150
www.national.com


Similar Part No. - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12081 TI2-ADC12081 Datasheet
819Kb / 28P
ADC12081 12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
REVISED MARCH 2013
logo
National Semiconductor ...
ADC12081CIVT NSC-ADC12081CIVT Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
logo
Texas Instruments
ADC12081CIVT/NOPB TI1-ADC12081CIVT/NOPB Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results

Similar Description - ADC12081

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12191 NSC-ADC12191 Datasheet
278Kb / 16P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
ADC12181 NSC-ADC12181 Datasheet
322Kb / 17P
12-Bit, 10 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
1Mb / 40P
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12081 NSC-ADC12081_02 Datasheet
300Kb / 17P
12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADC12081 TI1-ADC12081 Datasheet
1Mb / 25P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter with Internal Sample & Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com