Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI4GTL2002 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI4GTL2002
Description  2-bit bidirectional low voltage translator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4GTL2002 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI4GTL2002 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI4GTL2002 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2016-01-0001
PT0579
01/27/16
7
PI4GTL2002
2-bit bidirectional low voltage translator
For unidirectional up translation, lower voltage to higher voltage, the reference transistor is connected the same as for a down
translation. A pull-up resistor is required on the higher voltage side (Dn or Sn) to get the full HIGH level, since the GTL-TVC
device will only pass the reference source (SREF) voltage as a HIGH when doing an up translation. The driver on the lower
voltage side only needs pull-up resistors if it is open-drain.
Figure.5 Unidirectional down translation to protect higher voltage processor pins
Pull-up resistors and minimum values
Sizing the pull-up resistor on an open-drain bus is specific to the individual application and
is dependent on the following driver characteristics:
 The driver sink current
 The V
OL of driver
 The V
OL of the PI4GTL2002
 The V
IL of the driver
 Frequency of operation
The following tables can be used to estimate the pull-up resistor value in different use cases so that the minimum resistance for
the pull-up resistor can be found.
Tables in bellow contain suggested minimum values of pull-up resistors for the PI4GTL2002 with typical voltage translation
levels and drive currents.
The calculated values assume that both drive currents are the same.
VOL = VIL = 0.1*VCC and accounts for a 10 % VCC tolerance of the supplies, 1 % resistor values. It should be noted that the
resistor chosen in the final application should be equal to or larger than the values shown in the tablew to ensure that the pass
voltage is less than 10 % of the VCC voltage, and the external driver should be able to sink the total current from both pull-up
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com